Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7498L Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7498L
Description  80 watt 80 watt dual BTL class-D audio amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7498L Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7498L Datasheet HTML 8Page - STMicroelectronics TDA7498L Datasheet HTML 9Page - STMicroelectronics TDA7498L Datasheet HTML 10Page - STMicroelectronics TDA7498L Datasheet HTML 11Page - STMicroelectronics TDA7498L Datasheet HTML 12Page - STMicroelectronics TDA7498L Datasheet HTML 13Page - STMicroelectronics TDA7498L Datasheet HTML 14Page - STMicroelectronics TDA7498L Datasheet HTML 15Page - STMicroelectronics TDA7498L Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Characterization curves
TDA7498L
12/27
Doc ID 16504 Rev 3
4.2
Characterization curves
Unless otherwise stated the measurements were made under the following conditions:
VCC = 32 V, f = 1 kHz, GV = 25.6 dB, ROSC = 39 kΩ, COSC = 100 nF, Tamb = 25 °C
4.2.1
For RL = 6 Ω
Figure 4.
Output power vs. supply voltage
Figure 5.
THD vs. output power (1 kHz)
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
%
100m
90
200m
500m
1
2
5
10
20
50
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com