Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7498L Datasheet(PDF) 16 Page - STMicroelectronics

Part # TDA7498L
Description  80 watt 80 watt dual BTL class-D audio amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7498L Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TDA7498L Datasheet HTML 12Page - STMicroelectronics TDA7498L Datasheet HTML 13Page - STMicroelectronics TDA7498L Datasheet HTML 14Page - STMicroelectronics TDA7498L Datasheet HTML 15Page - STMicroelectronics TDA7498L Datasheet HTML 16Page - STMicroelectronics TDA7498L Datasheet HTML 17Page - STMicroelectronics TDA7498L Datasheet HTML 18Page - STMicroelectronics TDA7498L Datasheet HTML 19Page - STMicroelectronics TDA7498L Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Characterization curves
TDA7498L
16/27
Doc ID 16504 Rev 3
Figure 14.
THD vs. output power (100 Hz)
Figure 15.
THD vs. frequency (1 W)
Figure 16.
THD vs. frequency (100 mW)
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
%
100m
90
200m
500m
1
2
5
10
20
50
W
0.005
1
0.01
0.02
0.05
0.1
0.2
0.5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
0.01
1
0.02
0.05
0.1
0.2
0.5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com