Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7498L Datasheet(PDF) 19 Page - STMicroelectronics

Part # TDA7498L
Description  80 watt 80 watt dual BTL class-D audio amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7498L Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TDA7498L Datasheet HTML 15Page - STMicroelectronics TDA7498L Datasheet HTML 16Page - STMicroelectronics TDA7498L Datasheet HTML 17Page - STMicroelectronics TDA7498L Datasheet HTML 18Page - STMicroelectronics TDA7498L Datasheet HTML 19Page - STMicroelectronics TDA7498L Datasheet HTML 20Page - STMicroelectronics TDA7498L Datasheet HTML 21Page - STMicroelectronics TDA7498L Datasheet HTML 22Page - STMicroelectronics TDA7498L Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
TDA7498L
Applications information
Doc ID 16504 Rev 3
19/27
The protection functions of the TDA7498L are enabled by pulling down the voltages of the
STBY and MUTE inputs shown in Figure 21. The input current of the corresponding pins
must be limited to 200 µA.
Figure 21.
Standby and mute circuits
Figure 22.
Turn on/off sequence for minimizing speaker “pop”
Table 7.
Mode settings
Mode
STBY
MUTE
Standby
L (1)
1.
Drive levels defined in Table 6: Electrical specifications on page 9
X (don’t care)
Mute
H (1)
L
Play
H
H
STBY
MUTE
0 V
3.3 V
C7
2.2 µF
R2
30 k
Ω
Standby
0 V
3.3 V
C15
2.2 µF
R4
30 k
Ω
Mute
TDA7498L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com