Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2007 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TS2007
Description  3 W filter-free Class D audio power amplifer with 6-12 dB fixed gain select
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2007 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TS2007_11 Datasheet HTML 8Page - STMicroelectronics TS2007_11 Datasheet HTML 9Page - STMicroelectronics TS2007_11 Datasheet HTML 10Page - STMicroelectronics TS2007_11 Datasheet HTML 11Page - STMicroelectronics TS2007_11 Datasheet HTML 12Page - STMicroelectronics TS2007_11 Datasheet HTML 13Page - STMicroelectronics TS2007_11 Datasheet HTML 14Page - STMicroelectronics TS2007_11 Datasheet HTML 15Page - STMicroelectronics TS2007_11 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Electrical characteristics
TS2007
12/29
Doc ID 13123 Rev 4
3.2
Electrical characteristic curves
The graphs shown in this section use the following abbreviations:
●
RL+ 15 µH or 30 µH = pure resistor + very low series resistance inductor
●
Filter = LC output filter (1 µF+30 µH for 4
Ω and 0.5 µF+60 µH for 8 Ω)
All measurements are done with CS1=1 µF and CS2=100 nF (see Figure 2, except for the
PSRR where CS1 is removed (see Figure 3).
Figure 2.
Test diagram for measurements
Figure 3.
Test diagram for PSRR measurements
VCC
Cin
Cin
Cs1
TS2007
Cs2
100nF
In+
In-
15 H or 30 H
μμ
or
LC Filter
Out+
Out-
1 F
μ
Ω
4 or 8
RL
5th order
50kHz
low-pass filter
Audio Measurement
Bandwith < 30kHz
GND
GND
GND
VCC
Cin
Cin
TS2007
Cs2
100nF
In+
In-
15 H or 30 H
μμ
or
LC Filter
Out+
Out-
Ω
4 or 8
RL
5th order
50kHz
low-pass filter
RMS Selective Measurement
Bandwith =1% of Fmeas
GND
GND
GND
1 F
μ
1 F
μ
GND
5th order
50kHz
low-pass filter
reference
20Hz to 20kHz
Vripple
Vcc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com