Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2007 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TS2007
Description  3 W filter-free Class D audio power amplifer with 6-12 dB fixed gain select
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2007 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TS2007_11 Datasheet HTML 11Page - STMicroelectronics TS2007_11 Datasheet HTML 12Page - STMicroelectronics TS2007_11 Datasheet HTML 13Page - STMicroelectronics TS2007_11 Datasheet HTML 14Page - STMicroelectronics TS2007_11 Datasheet HTML 15Page - STMicroelectronics TS2007_11 Datasheet HTML 16Page - STMicroelectronics TS2007_11 Datasheet HTML 17Page - STMicroelectronics TS2007_11 Datasheet HTML 18Page - STMicroelectronics TS2007_11 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
TS2007
Electrical characteristics
Doc ID 13123 Rev 4
15/29
Figure 10.
Output power vs. power supply
voltage
Figure 11.
Output power vs. power supply
voltage
23
45
6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
THD+N=10%
RL = 4
Ω + ≥ 15μH
F = 1kHz
BW < 30kHz
Tamb = 25
°C
THD+N=1%
Power Supply Voltage (V)
2345
6
0.0
0.4
0.8
1.2
1.6
2.0
THD+N=10%
RL = 8
Ω + ≥ 15μH
F = 1kHz
BW < 30kHz
Tamb = 25
°C
THD+N=1%
Power Supply Voltage (V)
Figure 12.
PSRR vs. common mode input
voltage
Figure 13.
PSRR vs. frequency
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-80
-70
-60
-50
-40
-30
-20
-10
0
Vcc=3V
Vcc=2.4V
Vcc=3.6, 4.2, 5V
Vripple = 200mVpp, F = 217Hz, G = 6dB
RL
≥ 4Ω + ≥ 15μH, Tamb = 25°C
Common Mode Input Voltage (V)
100
1k
10k
-80
-70
-60
-50
-40
-30
-20
-10
0
Gain=12dB
20k
20
Gain=6dB
Inputs grounded, Vripple = 200mVpp,
V
CC
=5V, R
L
=4
Ω +15μH, C
IN
=1
μF, T
AMB
=25°C
Frequency (Hz)
Figure 14.
PSRR vs. frequency
Figure 15.
PSRR vs. frequency
100
1k
10k
-80
-70
-60
-50
-40
-30
-20
-10
0
20k
20
Vcc=2.4, 3, 3.6, 4.2, 5V
Inputs grounded, Vripple = 200mVpp
A
V
=6dB, R
L
=4
Ω+15μH, C
IN
=1
μF, T
AMB
=25°C
Frequency (Hz)
100
1k
10k
-80
-70
-60
-50
-40
-30
-20
-10
0
20k
20
Vcc=2.4, 3, 3.6, 4.2, 5V
Inputs grounded, Vripple = 200mVpp
A
V
=6dB, R
L
=4
Ω+30μH, C
IN
=1
μF, T
AMB
=25°C
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com