Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2007 Datasheet(PDF) 24 Page - STMicroelectronics

Part # TS2007
Description  3 W filter-free Class D audio power amplifer with 6-12 dB fixed gain select
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2007 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TS2007_11 Datasheet HTML 20Page - STMicroelectronics TS2007_11 Datasheet HTML 21Page - STMicroelectronics TS2007_11 Datasheet HTML 22Page - STMicroelectronics TS2007_11 Datasheet HTML 23Page - STMicroelectronics TS2007_11 Datasheet HTML 24Page - STMicroelectronics TS2007_11 Datasheet HTML 25Page - STMicroelectronics TS2007_11 Datasheet HTML 26Page - STMicroelectronics TS2007_11 Datasheet HTML 27Page - STMicroelectronics TS2007_11 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
Application information
TS2007
24/29
Doc ID 13123 Rev 4
4.7
Shutdown time
When the standby command is set, the time required to put the two output stages into high
impedance and to put the internal circuitry in shutdown mode, is typically 5 ms. This time is
used to decrease the gain and avoid any pop noise during shutdown.
Note:
The gain decreases smoothly until the outputs are muted (see Figure 49).
4.8
Consumption in shutdown mode
Between the shutdown pin and GND there is an internal 300 k
Ω resistor. This resistor forces
the TS2007 to be in shutdown when the shutdown input is left floating.
However, this resistor also introduces additional shutdown power consumption if the
shutdown pin voltage is not 0 V.
Referring to Table 2: Operating conditions on page 3, with a 0.4 V shutdown voltage pin for
example, you must add 0.4V/300k = 1.3 µA in typical (0.4V/273 k = 1.46 µA in maximum) to
the shutdown current specified in Table 5 to Table 9.
4.9
Single-ended input configuration
It is possible to use the TS2007 in a single-ended input configuration. However, input
coupling capacitors are needed in this configuration. The following schematic diagram
shows a typical single-ended input application.
Figure 50.
Typical application for single-ended input configuration
VCC
Cin
Cin
Input
Speaker
Cs
1uF
TS2007
Gain
Select
+
-
Standby
Control
3
4
5
8
PWM
H
Bridge
Oscillator
IN-
IN+
GS
Vcc
OUT+
OUT-
Standby
Gnd
Gain Select Control
Standby Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com