Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T00CAP Datasheet(PDF) 6 Page - STMicroelectronics

Part # M41T00CAP
Description  Serial access real-time clock (RTC) with integral backup battery and crystal
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T00CAP Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M41T00CAP Datasheet HTML 2Page - STMicroelectronics M41T00CAP Datasheet HTML 3Page - STMicroelectronics M41T00CAP Datasheet HTML 4Page - STMicroelectronics M41T00CAP Datasheet HTML 5Page - STMicroelectronics M41T00CAP Datasheet HTML 6Page - STMicroelectronics M41T00CAP Datasheet HTML 7Page - STMicroelectronics M41T00CAP Datasheet HTML 8Page - STMicroelectronics M41T00CAP Datasheet HTML 9Page - STMicroelectronics M41T00CAP Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Description
M41T00CAP
6/27
Doc ID 14557 Rev 5
1
Description
The M41T00CAP is a low-power serial real-time clock (RTC) with integral battery and
crystal in ST’s 24-pin CAPHAT™ package. It includes a crystal controlled, 32.768 kHz
oscillator and has a built-in power sense circuit which detects power failures and
automatically switches to the backup battery when a power failure occurs.
Eight registers comprise the clock/calendar function and are configured in binary-coded
decimal (BCD) format. Addresses and data are transferred serially via an industry standard,
two line, 400 kHz, bidirectional I2C interface. The built-in address register is incremented
automatically after each WRITE or READ data byte. The internal lithium coin cell contains
ample energy to sustain timekeeping operation for 10 years in the absence of system power.
The eight clock address locations contain the century, year, month, date, day, hour, minute,
and second in 24-hour BCD format. Corrections for the number of days in a month, including
leap year, are made automatically (leap year valid up to year 2100).
Figure 1.
Logic diagram
SCL
VCC
M41T00CAP
VSS
SDA
FT/OUT
AI09165



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com