Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T00CAP Datasheet(PDF) 17 Page - STMicroelectronics

Part # M41T00CAP
Description  Serial access real-time clock (RTC) with integral backup battery and crystal
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T00CAP Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M41T00CAP Datasheet HTML 13Page - STMicroelectronics M41T00CAP Datasheet HTML 14Page - STMicroelectronics M41T00CAP Datasheet HTML 15Page - STMicroelectronics M41T00CAP Datasheet HTML 16Page - STMicroelectronics M41T00CAP Datasheet HTML 17Page - STMicroelectronics M41T00CAP Datasheet HTML 18Page - STMicroelectronics M41T00CAP Datasheet HTML 19Page - STMicroelectronics M41T00CAP Datasheet HTML 20Page - STMicroelectronics M41T00CAP Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
M41T00CAP
Clock operation
Doc ID 14557 Rev 5
17/27
4.4
Oscillator fail detection
If the oscillator fail bit (OF) is internally set to '1,' this indicates that the oscillator has either
stopped, or was stopped for some period of time and can be used to judge the validity of the
clock and date data. In the event the OF bit is found to be set to '1' at any time other than the
initial power-up, the STOP bit (ST) should be written to a '1,' then immediately reset to '0.'
This will restart the oscillator. The following conditions can cause the OF bit to be set:
●
The first time power is applied (defaults to a '1' on power-up).
●
The voltage present on VCC is insufficient to support oscillation.
●
The ST bit is set to '1'.
●
External interference of the crystal.
The OF bit will remain set to '1' until written to logic '0.' The oscillator must have started and
run for at least 4 seconds before attempting to reset the OF bit to '0.'
4.5
Output driver pin
When the FT bit is not set, the FT/OUT pin becomes an output driver that reflects the
contents of D7 of the calibration register. In other words, when D7 (OUT bit) and D6 (FT bit)
of address location 07h are '0's, then the FT/OUT pin will be driven low.
Note:
The FT/OUT pin is an open drain which requires an external pull-up resistor.
4.6
Initial power-on default
Upon initial application of power to the device, the ST and FT bits are set to a '0' state, and
the OF and OUT bits will be set to a '1.' All other register bits will initially power on in a
random state (see Table 3).
Table 3. Preferred default values
Condition
ST
OUT
FT
OF
Initial power-up(1)
1.
State of other control bits undefined.
01
0
1
Subsequent power-up (with battery backup)(2)
2.
UC = unchanged
UC
UC
0
UC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com