Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T00CAP Datasheet(PDF) 1 Page - STMicroelectronics

Part # M41T00CAP
Description  Serial access real-time clock (RTC) with integral backup battery and crystal
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T00CAP Datasheet(HTML) 1 Page - STMicroelectronics

  M41T00CAP Datasheet HTML 1Page - STMicroelectronics M41T00CAP Datasheet HTML 2Page - STMicroelectronics M41T00CAP Datasheet HTML 3Page - STMicroelectronics M41T00CAP Datasheet HTML 4Page - STMicroelectronics M41T00CAP Datasheet HTML 5Page - STMicroelectronics M41T00CAP Datasheet HTML 6Page - STMicroelectronics M41T00CAP Datasheet HTML 7Page - STMicroelectronics M41T00CAP Datasheet HTML 8Page - STMicroelectronics M41T00CAP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
This is information on a product in full production.
March 2012
Doc ID 14557 Rev 5
1/27
1
M41T00CAP
Serial access real-time clock (RTC)
with integral backup battery and crystal
Datasheet
− production data
Features
■ Real-time clock (RTC) with backup battery
integrated into package
■ Uses M41T00S enhanced RTC with precision
switchover reference
■ 400 kHz I2C serial interface
■ Automatic switchover and deselect circuitry
with fixed reference voltage
–VCC = 2.7 to 5.5 V operating voltage range
– 2.6 V (typ) power-fail deselect (switchover)
threshold
■ Counters for seconds, minutes, hours, day,
date, month, year and century
■ Software clock calibration
■ Low operating current of 300 µA
■ Oscillator stop detection
■ Battery backup
■ Operating temperature of 0 to 70 °C
■ Self-contained battery and crystal in
CAPHAT™ DIP package
■ RoHS compliant
– Lead-free second level interconnect
24
1
PCDIP24 (PC)
Battery/crystal CAPHATTM
www.st.com


Similar Part No. - M41T00CAP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T00CAP STMICROELECTRONICS-M41T00CAP Datasheet
397Kb / 24P
Serial access real-time clock (RTC) with integral backup battery and crystal
28-Oct-2014
M41T00CAPPC1 STMICROELECTRONICS-M41T00CAPPC1 Datasheet
397Kb / 24P
Serial access real-time clock (RTC) with integral backup battery and crystal
28-Oct-2014
M41T00CAP STMICROELECTRONICS-M41T00CAP_V01 Datasheet
397Kb / 24P
Serial access real-time clock (RTC) with integral backup battery and crystal
28-Oct-2014
More results

Similar Description - M41T00CAP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T00S STMICROELECTRONICS-M41T00S_08 Datasheet
227Kb / 26P
Serial access real-time clock
14-May-2008
logo
Intersil Corporation
ISL12008 INTERSIL-ISL12008 Datasheet
293Kb / 19P
I2C Real Time Clock with Battery Backup
September 26, 2008
logo
STMicroelectronics
M41T81S STMICROELECTRONICS-M41T81S_12 Datasheet
507Kb / 32P
Serial access real-time clock (RTC) with alarms
16-May-2012
logo
ATMEL Corporation
AT73C224-A ATMEL-AT73C224-A_14 Datasheet
1Mb / 75P
Ultra-low Power Real-time Clock (RTC) and Backup Battery Management
AT73C224-B ATMEL-AT73C224-B_14 Datasheet
1Mb / 75P
Ultra-low Power Real-time Clock (RTC) and Backup Battery Management
AT73C224-C ATMEL-AT73C224-C_14 Datasheet
1Mb / 75P
Ultra-low Power Real-time Clock (RTC) and Backup Battery Management
AT73C224-D ATMEL-AT73C224-D_14 Datasheet
1Mb / 75P
Ultra-low Power Real-time Clock (RTC) and Backup Battery Management
AT73C224-F ATMEL-AT73C224-F_14 Datasheet
1Mb / 75P
Ultra-low Power Real-time Clock (RTC) and Backup Battery Management
AT73C224-G ATMEL-AT73C224-G_14 Datasheet
1Mb / 75P
Ultra-low Power Real-time Clock (RTC) and Backup Battery Management
AT73C224-H ATMEL-AT73C224-H_14 Datasheet
1Mb / 75P
Ultra-low Power Real-time Clock (RTC) and Backup Battery Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com