Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56EL60X Datasheet(PDF) 121 Page - STMicroelectronics

Part # SPC56EL60X
Description  32-bit Power Architecture® microcontroller for automotive SIL3/ASILD chassis and safety applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EL60X Datasheet(HTML) 121 Page - STMicroelectronics

Back Button SPC56EL60X Datasheet HTML 117Page - STMicroelectronics SPC56EL60X Datasheet HTML 118Page - STMicroelectronics SPC56EL60X Datasheet HTML 119Page - STMicroelectronics SPC56EL60X Datasheet HTML 120Page - STMicroelectronics SPC56EL60X Datasheet HTML 121Page - STMicroelectronics SPC56EL60X Datasheet HTML 122Page - STMicroelectronics SPC56EL60X Datasheet HTML 123Page - STMicroelectronics SPC56EL60X Datasheet HTML 124Page - STMicroelectronics SPC56EL60X Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 160 page
background image
SPC56XL60/54
Electrical characteristics
Doc ID 15457 Rev 8
121/160
5T64KPPERASE
*(5)
64 KB block pre-program and erase time
800
1800
900
5000
ms
6T128KPPERASE
*(5)
128 KB block pre-program and erase time
1500
2600
1300
7500
ms
7T256KPPERASE
*(5)
256 KB block pre-program and erase time
3000
5200
2600
15000
ms
1.
Typical program and erase times represent the median performance and assume nominal supply values and
operation at 25C. These values are characterized, but not tested.I
2.
Initial Max program and erase times provide guidance for time-out limits used in the factory and apply for <
100 program/erase cycles, nominal supply values and operation at 25C. These values are verified at production
test.
3.
Lifetime Max program and erase times apply across the voltage, temperature, and cycling range of product
life. These values are characterized, but not tested.
4.
Program times are actual hardware programming times and do not include software overhead.
5.
Program times are actual hardware programming times and do not include software overhead.
Table 27.
Flash memory program and erase electrical specifications
No.
Symbol
Parameter
Typ
(1)
Factory
Avg
Initial
Max
(2)
Lifetime
Max(3)
Unit
Table 28.
Flash memory timing
Symbol
Parameter
Value
Unit
Min
Typ
Max
TRES
D
Time from clearing the MCR-ESUS or PSUS bit with EHV = 1
until DONE goes low
——
100
ns
TDONE
D
Time from 0 to 1 transition on the MCR-EHV bit initiating a
program/erase until the MCR-DONE bit is cleared
——
5
ns
TPSRT
D
Time between program suspend resume and the next program
suspend request.(1)
100
—
—
µs
TESRT
D
Time between erase suspend resume and the next erase
suspend request.(2)
10
ms
1.
Repeated suspends at a high frequency may result in the operation timing out, and the flash module will
respond by completing the operation with a fail code (MCR[PEG] = 0), or the operation not able to finish
(MCR[DONE] = 1 during Program operation). The minimum time between suspends to ensure this does not
occur is TPSRT.
2.
If Erase suspend rate is less than TESRT, an increase of slope voltage ramp occurs
during erase pulse. This improves erase time but reduces cycling figure due to
overstress



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com