Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56EL60X Datasheet(PDF) 29 Page - STMicroelectronics

Part # SPC56EL60X
Description  32-bit Power Architecture® microcontroller for automotive SIL3/ASILD chassis and safety applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EL60X Datasheet(HTML) 29 Page - STMicroelectronics

Back Button SPC56EL60X Datasheet HTML 25Page - STMicroelectronics SPC56EL60X Datasheet HTML 26Page - STMicroelectronics SPC56EL60X Datasheet HTML 27Page - STMicroelectronics SPC56EL60X Datasheet HTML 28Page - STMicroelectronics SPC56EL60X Datasheet HTML 29Page - STMicroelectronics SPC56EL60X Datasheet HTML 30Page - STMicroelectronics SPC56EL60X Datasheet HTML 31Page - STMicroelectronics SPC56EL60X Datasheet HTML 32Page - STMicroelectronics SPC56EL60X Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 160 page
background image
SPC56XL60/54
Introduction
Doc ID 15457 Rev 8
29/160
The CTU implements the following features:
●
Cross triggering between ADC, FlexPWM, eTimer, and external pins
●
Double buffered trigger generation unit with as many as 8 independent triggers
generated from external triggers
●
Maximum operating frequency less than or equal to 120 MHz
●
Trigger generation unit configurable in sequential mode or in triggered mode
●
Trigger delay unit to compensate the delay of external low pass filter
●
Double buffered global trigger unit allowing eTimer synchronization and/or ADC
command generation
●
Double buffered ADC command list pointers to minimize ADC-trigger unit update
●
Double buffered ADC conversion command list with as many as 24 ADC commands
●
Each trigger capable of generating consecutive commands
●
ADC conversion command allows control of ADC channel from each ADC, single or
synchronous sampling, independent result queue selection
●
DMA support with safety features
1.5.35
Cyclic Redundancy Checker (CRC) Unit
The CRC module is a configurable multiple data flow unit to compute CRC signatures on
data written to its input register.
The CRC unit has the following features:
●
3 sets of registers to allow 3 concurrent contexts with possibly different CRC
computations, each with a selectable polynomial and seed
●
Computes 16- or 32-bit wide CRC on the fly (single-cycle computation) and stores
result in internal register.
The following standard CRC polynomials are implemented:
–x8 + x4 + x3 + x2 + 1 [8-bit CRC]
–x16 +x12 +x5 + 1 [16-bit CRC-CCITT]
–
x32 + x26 + x23 + x22 + x16 + x12 + x11 + x10 + x8 + x7 + x5 + x4 + x2 + x +1
[32-bit CRC-ethernet(32)]
●
Key engine to be coupled with communication periphery where CRC application is
added to allow implementation of safe communication protocol
●
Offloads core from cycle-consuming CRC and helps checking configuration signature
for safe start-up or periodic procedures
●
CRC unit connected as peripheral bus on internal peripheral bus
●
DMA support
1.5.36
Redundancy Control and Checker Unit (RCCU)
The RCCU checks all outputs of the sphere of replication (addresses, data, control signals).
It has the following features:
●
Duplicated module to guarantee highest possible diagnostic coverage (check of
checker)
●
Multiple times replicated IPs are used as checkers on the SoR outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com