Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56EL60X Datasheet(PDF) 36 Page - STMicroelectronics

Part # SPC56EL60X
Description  32-bit Power Architecture® microcontroller for automotive SIL3/ASILD chassis and safety applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EL60X Datasheet(HTML) 36 Page - STMicroelectronics

Back Button SPC56EL60X Datasheet HTML 32Page - STMicroelectronics SPC56EL60X Datasheet HTML 33Page - STMicroelectronics SPC56EL60X Datasheet HTML 34Page - STMicroelectronics SPC56EL60X Datasheet HTML 35Page - STMicroelectronics SPC56EL60X Datasheet HTML 36Page - STMicroelectronics SPC56EL60X Datasheet HTML 37Page - STMicroelectronics SPC56EL60X Datasheet HTML 38Page - STMicroelectronics SPC56EL60X Datasheet HTML 39Page - STMicroelectronics SPC56EL60X Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 160 page
background image
Package pinouts and signal descriptions
SPC56XL60/54
36/160
Doc ID 15457 Rev 8
Table 3.
LQFP100 pin function summary
Pin #
Port/function
Peripheral
Output function
Input function
1NMI
—
2A[6]
SIUL
GPIO[6]
GPIO[6]
DSPI_1
SCK
SCK
SIUL
—
EIRQ[6]
3D[1]
SIUL
GPIO[49]
GPIO[49]
eTimer_1
ETC[2]
ETC[2]
CTU_0
EXT_TGR
—
FlexRay
—
CA_RX
4A[7]
SIUL
GPIO[7]
GPIO[7]
DSPI_1
SOUT
—
SIUL
—
EIRQ[7]
5C[4]
SIUL
GPIO[36]
GPIO[36]
DSPI_0
CS0
CS0
FlexPWM_0
X[1]
X[1]
SSCM
DEBUG[4]
—
SIUL
—
EIRQ[22]
6A[8]
SIUL
GPIO[8]
GPIO[8]
DSPI_1
—
SIN
SIUL
—
EIRQ[8]
7C[5]
SIUL
GPIO[37]
GPIO[37]
DSPI_0
SCK
SCK
SSCM
DEBUG[5]
—
FlexPWM_0
—
FAULT[3]
SIUL
—
EIRQ[23]
8A[5]
SIUL
GPIO[5]
GPIO[5]
DSPI_1
CS0
CS0
eTimer_1
ETC[5]
ETC[5]
DSPI_0
CS7
—
SIUL
—
EIRQ[5]
9C[7]
SIUL
GPIO[39]
GPIO[39]
FlexPWM_0
A[1]
A[1]
SSCM
DEBUG[7]
—
DSPI_0
—
SIN
10
VDD_HV_REG_0
—
11
VSS_LV_COR
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com