Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56EL60X Datasheet(PDF) 14 Page - STMicroelectronics

Part # SPC56EL60X
Description  32-bit Power Architecture® microcontroller for automotive SIL3/ASILD chassis and safety applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EL60X Datasheet(HTML) 14 Page - STMicroelectronics

Back Button SPC56EL60X Datasheet HTML 10Page - STMicroelectronics SPC56EL60X Datasheet HTML 11Page - STMicroelectronics SPC56EL60X Datasheet HTML 12Page - STMicroelectronics SPC56EL60X Datasheet HTML 13Page - STMicroelectronics SPC56EL60X Datasheet HTML 14Page - STMicroelectronics SPC56EL60X Datasheet HTML 15Page - STMicroelectronics SPC56EL60X Datasheet HTML 16Page - STMicroelectronics SPC56EL60X Datasheet HTML 17Page - STMicroelectronics SPC56EL60X Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 160 page
background image
Introduction
SPC56XL60/54
14/160
Doc ID 15457 Rev 8
The eDMA module provides the following features:
●
16 channels supporting 8-, 16-, and 32-bit value single or block transfers
●
Support variable sized queues and circular buffered queue
●
Source and destination address registers independently configured to post-increment
or stay constant
●
Support major and minor loop offset
●
Support minor and major loop done signals
●
DMA task initiated either by hardware requestor or by software
●
Each DMA task can optionally generate an interrupt at completion and retirement of the
task
●
Signal to indicate closure of last minor loop
●
Transfer control descriptors mapped inside the SRAM
The eDMA controller is replicated for each processing channel.
1.5.5
On-chip flash memory with ECC
This device includes programmable, non-volatile flash memory. The non-volatile memory
(NVM) can be used for instruction storage or data storage, or both. The flash memory
module interfaces with the system bus through a dedicated flash memory array controller. It
supports a 64-bit data bus width at the system bus port, and a 128-bit read data interface to
flash memory. The module contains four 128-bit prefetch buffers. Prefetch buffer hits allow
no-wait responses. Buffer misses incur a 3 wait state response at 120 MHz.
The flash memory module provides the following features
●
Up to 1 MB of flash memory in unique multi-partitioned hard macro
●
Sectorization:
–
1 MB: 16 KB + 2 × 48 KB + 16 KB + 2 × 64 KB + 2 × 128 KB + 2 × 256 KB
–
768 KB: 16 KB + 2 × 48 KB + 16 KB + 2 × 64 KB + 2 × 128 KB + 1 × 256 KB
●
EEPROM emulation (in software) within same module but on different partition
●
16 KB test sector and 16 KB shadow block for test, censorship device and user option
bits
●
Wait states:
–
3 wait states for frequencies =< 120 MHz
–
2 wait states for frequencies =< 80 MHz
–
1 wait state for frequencies =< 60 MHz
●
Flash memory line 128-bit wide with 8-bit ECC on 64-bit word (total 144 bits)
●
Accessed via a 64-bit wide bus for write and a 128-bit wide array for read operations
●
1-bit error correction, 2-bit error detection
1.5.6
On-chip SRAM with ECC
The SPC56XL60/54 SRAM provides a general-purpose single port memory.
ECC handling is done on a 32-bit boundary for data and it is extended to the address to
have the highest possible diagnostic coverage including the array internal address decoder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com