Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56EC70L8 Datasheet(PDF) 53 Page - STMicroelectronics

Part # SPC56EC70L8
Description  32-bit MCU family built on the Power Architecture® for automotive body electronics applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EC70L8 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button SPC56EC70L8 Datasheet HTML 49Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 50Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 51Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 52Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 53Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 54Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 55Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 56Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 118 page
background image
SPC564Bxx - SPC56ECxx
Electrical Characteristics
Doc ID 17478 Rev 4
53/118
Note:
SRAM retention guaranteed to LVD levels.
4.5
Thermal characteristics
4.5.1
Package thermal characteristics
IINJPAD
SR
Injected input current on any pin
during overload condition
—–5
5
mA
IINJSUM
SR
Absolute sum of all injected input
currents during overload condition
—
–50
50
TVDD
SR
VDD_HV_A slope to ensure correct
power up(8)
——
0.5
V/µs
—
0.5
—
V/min
TA C-Grade Part SR Ambient temperature under bias
—
−40
85
°C
TJ C-Grade Part SR Junction temperature under bias
—
−40
110
TA V-Grade Part SR Ambient temperature under bias
—
−40
105
TJ V-Grade Part SR Junction temperature under bias
—
−40
130
TA M-Grade Part SR Ambient temperature under bias
—
−40
125
TJ M-Grade Part SR Junction temperature under bias
—
−40
150
1.
100 nF EMI capacitance and 10 µF bulk capacitance needs to be provided between each VDD_HV_A/HV_B/VSS_HV pair.
2.
Full device operation is guaranteed by design from 3.0 V–5.5 V. OSC electrical characteristics (startup time, IDD, negative
resistance, ESR and duty cycle) will not be guaranteed to stay within the stated limits when operating below 4.5 V and
above 3.6 V. However, OSC functionality is guaranteed within the entire range (3.0 V–5.5 V).
3.
100 nF EMI capacitance and 40 µF bulk capacitance needs to be provided between each VDD_LV/VSS_LV supply pair.
4.
This voltage is internally generated by the device and no external voltage should be supplied.
5.
100 nF capacitance needs to be provided between VDD_HV_(ADC0/ADC1)/VSS_HV_(ADC0/ADC1) pair.
6.
Both the relative and the fixed conditions must be met. For instance: If VDD_HV_A is 5.9 V, VDD_HV_ADC0 maximum value is
6.0 V then, despite the relative condition, the max value is VDD_HV_A + 0.3 = 6.2 V.
7.
PA3, PA7, PA10, PA11 and PE12 ADC_1 channels are coming from VDD_HV_B domain hence VDD_HV_ADC1 should be
within ±100 mV of VDD_HV_B when these channels are used for ADC_1.
8.
Guaranteed by device validation.
Table 11.
Recommended operating conditions (5.0 V) (continued)
Symbol
Parameter
Conditions
Value
Unit
Min
Max
Table 12.
LQFP thermal characteristics(1)
Symbol
C
Parameter
Conditions(2)
Pin
count
Value(3)
Unit
Min
Typ
Max
RθJA
CC
D
Thermal resistance,
junction-to-ambient
natural convection
Single-layer
board—1s
176
—
—
44.4(4)
°C/W
208
—
—
TBD
°C/W
RθJA
CC
D
Thermal resistance,
junction-to-ambient
natural convection
Four-layer
board—2s2p(5)
176
—
—
36.1
°C/W
208
—
—
TBD
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com