Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56EC70L8 Datasheet(PDF) 3 Page - STMicroelectronics

Part # SPC56EC70L8
Description  32-bit MCU family built on the Power Architecture® for automotive body electronics applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EC70L8 Datasheet(HTML) 3 Page - STMicroelectronics

  SPC56EC70L8 Datasheet HTML 1Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 2Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 3Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 4Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 5Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 6Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 7Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 8Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 118 page
background image
SPC564Bxx - SPC56ECxx
Contents
Doc ID 17478 Rev 4
3/118
4.10
Flash memory electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 69
4.10.1
Program/Erase characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 69
4.10.2
Flash memory power supply DC characteristics . . . . . . . . . . . . . . . . . . 71
4.10.3
Flash memory start-up/switch-off timings . . . . . . . . . . . . . . . . . . . . . . . 72
4.11
Electromagnetic compatibility (EMC) characteristics . . . . . . . . . . . . . . . . 72
4.11.1
Designing hardened software to avoid noise problems . . . . . . . . . . . . . 72
4.11.2
Electromagnetic interference (EMI) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 73
4.11.3
Absolute maximum ratings (electrical sensitivity) . . . . . . . . . . . . . . . . . 73
4.12
Fast external crystal oscillator (4–40 MHz) electrical characteristics . . . . 74
4.13
Slow external crystal oscillator (32 kHz) electrical characteristics . . . . . . 76
4.14
FMPLL electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 79
4.15
Fast internal RC oscillator (16 MHz) electrical characteristics . . . . . . . . . 79
4.16
Slow internal RC oscillator (128 kHz) electrical characteristics . . . . . . . . 80
4.17
ADC electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 81
4.17.1
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 81
4.18
Fast Ethernet Controller . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 92
4.18.1
MII Receive Signal Timing (RXD[3:0], RX_DV, RX_ER, and RX_CLK) . 92
4.18.2
MII Transmit Signal Timing (TXD[3:0], TX_EN, TX_ER, TX_CLK) . . . . 92
4.18.3
MII Async Inputs Signal Timing (CRS and COL) . . . . . . . . . . . . . . . . . . 93
4.18.4
MII Serial Management Channel Timing (MDIO and MDC) . . . . . . . . . 94
4.19
On-chip peripherals . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 95
4.19.1
Current consumption . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 95
4.19.2
DSPI characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 96
4.19.3
Nexus characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 102
4.19.4
JTAG characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 104
5
Package characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 106
5.1
ECOPACK® . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 106
5.2
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 107
5.2.1
LQFP176 package mechanical drawing . . . . . . . . . . . . . . . . . . . . . . . 107
5.2.2
LQFP208 package mechanical drawing . . . . . . . . . . . . . . . . . . . . . . . 109
5.2.3
LBGA256 package mechanical drawing . . . . . . . . . . . . . . . . . . . . . . . 111
6
Ordering information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 113
Appendix A Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com