Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56EC70L8 Datasheet(PDF) 95 Page - STMicroelectronics

Part # SPC56EC70L8
Description  32-bit MCU family built on the Power Architecture® for automotive body electronics applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EC70L8 Datasheet(HTML) 95 Page - STMicroelectronics

Back Button SPC56EC70L8 Datasheet HTML 91Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 92Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 93Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 94Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 95Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 96Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 97Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 98Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 118 page
background image
SPC564Bxx - SPC56ECxx
Electrical Characteristics
Doc ID 17478 Rev 4
95/118
4.19
On-chip peripherals
4.19.1
Current consumption
Table 49.
On-chip peripherals current consumption(1)
Symbol
C
Parameter
Conditions
Value(2)
Unit
Min
Typ
Max
IDD_HV_A(CAN)
CC
D
CAN
(FlexCAN)
supply
current on
VDD_HV_A
500
Kbps
Total (static +
dynamic)
consumption:
FlexCAN in loop-
back mode
XTAL@8 MHz used
as CAN engine clock
source
Message sending
period is 580 µs
7.652
× fperiph + 84.73
µA
125
Kbps
8.0743
× fperiph + 26.757
IDD_HV_A(eMIOS) CC D
eMIOS
supply
current on
VDD_HV_A
Static consumption:
eMIOS channel OFF
Global prescaler enabled
28.7
× fperiph
Dynamic consumption:
It does not change varying
the frequency (0.003 mA)
3
IDD_HV_A(SCI)
CC
D
SCI (LINFlex)
supply
current on
VDD_HV_A
Total (static + dynamic)
consumption:
LIN mode
Baudrate: 20 Kbps
4.7804
× fperiph + 30.946
IDD_HV_A(SPI)
CC
D
SPI (DSPI)
supply
current on
VDD_HV_A
Ballast static consumption
(only clocked)
1
Ballast dynamic consumption
(continuous communication):
Baudrate: 2 Mbit
Trasmission every 8 µs
Frame: 16 bits
16.3
× fperiph
IDD_HV_A(ADC)
CC
D
ADC supply
current on
VDD_HV_A
VDD =
5.5 V
Ballast static
consumption (no
conversion)
0.0409
× fperiph
mA
VDD =
5.5 V
Ballast dynamic
consumption
(continuous
conversion)
0.0049
× fperiph



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com