Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56EC70L8 Datasheet(PDF) 115 Page - STMicroelectronics

Part # SPC56EC70L8
Description  32-bit MCU family built on the Power Architecture® for automotive body electronics applications
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EC70L8 Datasheet(HTML) 115 Page - STMicroelectronics

Back Button SPC56EC70L8 Datasheet HTML 110Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 111Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 112Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 113Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 114Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 115Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 116Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 117Page - STMicroelectronics SPC56EC70L8 Datasheet HTML 118Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 115 / 118 page
background image
SPC564Bxx - SPC56ECxx
Revision history
Doc ID 17478 Rev 4
115/118
Revision history
Table summarizes revisions to this document
.
Revision history
Date
Revision
Changes
01-Jun-2010
1
Initial Release
17-Dec-2010
2
– Editing and formatting updates throughout the document.
– Updated Voltage regulator capacitance connection figure
.
– Added a new sub-section “VDD_BV Options”
– Program and erase specifications:
Updated Tdwprogram TYP to 22 us
Updated T128Kpperase Max to 5000 ms
Added tESUS parameter
– Added recommendation in the Voltage regulator electrical characteristics section.
– Added Crystal description table in Fast external crystal oscillator (4 to 140 MHz)
electrical characteristics section and corrected the cross-reference to the same.
– Added new sections - Pad types, System pins and functional ports
– Updated TYP numbers in the Flash program and erase specifications table
– Added a new table: Program and erase specifications (Data Flash)
– Flash read access timing table: Added Data flash memory numbers
– Flash power supply DC electrical characteristics table: Updated IDFREAD and
IDFMOD values for Data flash, Removed IDFLPW parameter
– Updated feature list.
– SPC564Bxx and SPC56ECxx family comparison table: Updated ADC channels
and added ADC footnotes.
– SPC564Bxx and SPC56ECxx block diagram: Updated ADC channels and added
legends.
– SPC564Bxx and SPC56ECxx series block summary: Added new blocks.
– Functional Port Pin Descriptions table: Added OSC32k_XTAL and
OSC32k_EXTAL function at PB8 and PB9 port pins.
– Electrical Characteristics: Replaced VSS with VSS_HV throughout the section.
– Absolute maximum ratings, Recommended operating conditions (3.3 V) and
Recommended operating conditions (5.0 V) tables: VRC_CTRL min is updated to
"0".
– Recommended operating conditions (3.3 V) and Recommended operating
conditions (5.0 V) tables: Clarified VIN parameter, clarified footnote 2 in both
tables.
– LQFP thermal characteristics section: Added numbers for LQFP packages.
– Low voltage power domain electrical characteristics table: Clarified footnotes
based upon review comments.
– Code flash memory—Program and erase specifications: Updated tESRT to
20 ms.
– ADC electrical characteristics section: Replace ADC0 with ADC_0 and ADC1 with
ADC_1 throughout the document.
DSPI characteristics section: Replaced PCSx with CSx in all figures and tables.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com