Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 101 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 101 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 97Page - STMicroelectronics ST10F280_12 Datasheet HTML 98Page - STMicroelectronics ST10F280_12 Datasheet HTML 99Page - STMicroelectronics ST10F280_12 Datasheet HTML 100Page - STMicroelectronics ST10F280_12 Datasheet HTML 101Page - STMicroelectronics ST10F280_12 Datasheet HTML 102Page - STMicroelectronics ST10F280_12 Datasheet HTML 103Page - STMicroelectronics ST10F280_12 Datasheet HTML 104Page - STMicroelectronics ST10F280_12 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 239 page
background image
ST10F280
Parallel ports
Doc ID 8673 Rev. 3
101/239
P0L
Address:
0xFF00h / 80h SFR
Reset:
0x--00h
Type:
R/W
P0H
Address:
0xFF020h / 81h SFR
Reset:
0x--00h
Type:
R/W
DP0L
Address:
0xF100h / 80h ESFR
Reset:
0x--00h
Type:
R/W
DP0H
Address:
0xF102h / 81h ESFR
Reset:
0x--00h
Type:
R/W
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
-
-
-
-
-
-
-
-
P0L.7
P0L.6
P0L.5
P0L.4
P0L.3
P0L.2
P0L.1
P0L.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
---
--
---
P0H.7 P0H.6 P0H.5 P0H.4 P0H.3 P0H.2 P0H.1 P0H.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
P0X.y Port data register P0H or P0L bit y
15
14
13
12
11
10
9
8
76543
210
----
----
DP0L.7 DP0L.6 DP0L.5 DP0L.4 DP0L.3 DP0L.2 DP0L.1 DP0L.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
15
14
13
12
11
10
9
8
76543
210
----
----
DP0H.7 DP0H.6 DP0H.5 DP0H.4 DP0H.3 DP0H.2 DP0H.1 DP0H.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
DP0X.y Port direction register DP0H or DP0L bit y
DP0X.y = 0: Port line P0X.y is an input (high-impedance)
DP0X.y = 1: Port line P0X.y is an output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com