Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 103 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 103 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 99Page - STMicroelectronics ST10F280_12 Datasheet HTML 100Page - STMicroelectronics ST10F280_12 Datasheet HTML 101Page - STMicroelectronics ST10F280_12 Datasheet HTML 102Page - STMicroelectronics ST10F280_12 Datasheet HTML 103Page - STMicroelectronics ST10F280_12 Datasheet HTML 104Page - STMicroelectronics ST10F280_12 Datasheet HTML 105Page - STMicroelectronics ST10F280_12 Datasheet HTML 106Page - STMicroelectronics ST10F280_12 Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 239 page
background image
ST10F280
Parallel ports
Doc ID 8673 Rev. 3
103/239
intra-segment address or the 8/16-bit data information. The incoming data on PORT0 is
read on the line “Alternate Data Input”. While an external bus mode is enabled, the user
software should not write to the port output latch, otherwise unpredictable results may occur.
When the external bus modes are disabled, the contents of the direction register last written
by the user becomes active.
The Figure 30 shows the structure of a PORT0 pin.
Figure 30.
Block diagram of a Port 0 pin
12.3
Port 1
The two 8-bit ports P1H and P1L represent the higher and lower part of PORT1,
respectively. Both halves of PORT1 can be written (e.g. via a PEC transfer) without effecting
the other half.
If this port is used for general purpose I/O, the direction of each line can be configured via
the corresponding direction registers DP1H and DP1L.
P1L
Address:
0xFF04h / 82h SFR
Reset:
0x--00h
Type:
R/W
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
-
-
-
-
-
-
-
-
P1L.7
P1L.6
P1L.5
P1L.4
P1L.3
P1L.2
P1L.1
P1L.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com