Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 104 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 104 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 100Page - STMicroelectronics ST10F280_12 Datasheet HTML 101Page - STMicroelectronics ST10F280_12 Datasheet HTML 102Page - STMicroelectronics ST10F280_12 Datasheet HTML 103Page - STMicroelectronics ST10F280_12 Datasheet HTML 104Page - STMicroelectronics ST10F280_12 Datasheet HTML 105Page - STMicroelectronics ST10F280_12 Datasheet HTML 106Page - STMicroelectronics ST10F280_12 Datasheet HTML 107Page - STMicroelectronics ST10F280_12 Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 239 page
background image
Parallel ports
ST10F280
104/239
Doc ID 8673 Rev. 3
P1H
Address:
0xFF06h / 83h SFR
Reset:
0x--00h
Type:
R/W
DP1L
Address:
0xF104h / 82h ESFR
Reset:
0x--00h
Type:
R/W
DP1H
Address:
0xF106h / 83h ESFR
Reset:
0x--00h
Type:
R/W
12.3.1
Alternate functions of Port 1
When a de-multiplexed external bus is enabled, PORT1 is used as address bus.
Note that de-multiplexed bus modes use PORT1 as a 16-bit port. Otherwise all 16 port lines
can be used for general purpose I/O.
The upper four pins of PORT1 (P1H.7...P1H.4) also serve as capture input lines for the
CAPCOM2 unit (CC27IO...CC24IO).
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
---
--
---
P1H.7 P1H.6 P1H.5 P1H.4
P1L.3 P1H.2 P1H.1 P1H.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
P1X.y Port data register P1H or P1L bit y
15
14
13
12
11
10
9
8
7
65432
10
--------
DP1L.7 DP1L.6 DP1L.5 DP1L.4 DP1L.3 DP1L.2 DP1L.1 DP1L.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
15
14
13
12
11
10
9
8
7
65432
10
--------
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
DP1X.y Port direction register DP1H or DP1L bit y
DP1X.y = 0: Port line P1X.y is an input (high-impedance)
DP1X.y = 1: Port line P1X.y is an output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com