Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 200 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 200 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 196Page - STMicroelectronics ST10F280_12 Datasheet HTML 197Page - STMicroelectronics ST10F280_12 Datasheet HTML 198Page - STMicroelectronics ST10F280_12 Datasheet HTML 199Page - STMicroelectronics ST10F280_12 Datasheet HTML 200Page - STMicroelectronics ST10F280_12 Datasheet HTML 201Page - STMicroelectronics ST10F280_12 Datasheet HTML 202Page - STMicroelectronics ST10F280_12 Datasheet HTML 203Page - STMicroelectronics ST10F280_12 Datasheet HTML 204Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 239 page
background image
Special function register overview
ST10F280
200/239
Doc ID 8673 Rev. 3
RP0H
Address:
0xF108h / 84h ESFR
Reset:
0x--XXh
Type:
R
RDYENx
READY Input Enable
0: External bus cycle is controlled by bit field MCTC only
1: External bus cycle is controlled by the READY input signal
RDYPOLx
Ready Active Level Control
0: Active level on the READY pin is low, bus cycle terminates with a ‘0’ on READY
pin,
1: Active level on the READY pin is high, bus cycle terminates with a ‘1’ on READY
pin.
CSRENx
Read Chip Select Enable
0: The CS signal is independent of the read command (RD)
1: The CS signal is generated for the duration of the read command
CSWENx
Write Chip Select Enable
0: The CS signal is independent of the write command (WR,WRL,WRH)
1: The CS signal is generated for the duration of the write command
15
14
13
12
11
10
9
8
76
543
21
0
--
----
--
CLKSEL
SALSEL
CSSEL
WRC
R (1)(2)
1.
RP0H.7 to RP0H.5 bits are loaded only during a long hardware reset. As pull-up resistors are active on
each Port P0H pins during reset, RP0H default value is "FFh"
2.
These bits are set according to Port 0 configuration during any reset sequence.
R (2)
R (2)
R(2)
WRC
Write Configuration Control
0: Pin WR acts as WRL, pin BHE acts as WRH
1: Pins WR and BHE retain their normal function
CSSEL
Chip Select Line Selection (Number of active CS outputs)
00: 3 CS lines: CS2...CS0
01: 2 CS lines: CS1...CS0
10: No CS lines at all
11: 5 CS lines: CS4...CS0 (Default without pull-downs)
SALSEL
Segment Address Line Selection (Number of active segment address outputs)
00: 4-bit segment address: A19...A16
01: No segment address lines at all
10: 8-bit segment address: A23...A16
11: 2-bit segment address: A17...A16 (Default without pull-downs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com