Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 197 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 197 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 193Page - STMicroelectronics ST10F280_12 Datasheet HTML 194Page - STMicroelectronics ST10F280_12 Datasheet HTML 195Page - STMicroelectronics ST10F280_12 Datasheet HTML 196Page - STMicroelectronics ST10F280_12 Datasheet HTML 197Page - STMicroelectronics ST10F280_12 Datasheet HTML 198Page - STMicroelectronics ST10F280_12 Datasheet HTML 199Page - STMicroelectronics ST10F280_12 Datasheet HTML 200Page - STMicroelectronics ST10F280_12 Datasheet HTML 201Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 239 page
background image
ST10F280
Special function register overview
Doc ID 8673 Rev. 3
197/239
CSCFG Chip Select Configuration Control
0: Latched Chip Select lines: CSx change 1 TCL after rising edge of ALE
1: Unlatched Chip Select lines: CSx change with rising edge of ALE.
WRCFG Write Configuration Control (Inverted copy of bit WRC of RP0H)
0: Pins WR and BHE retain their normal function
1: Pin WR acts as WRL, pin BHE acts as WRH.
CLKEN System Clock Output Enable (CLKOUT)
0: CLKOUT disabled: pin may be used for general purpose I/O
1: CLKOUT enabled: pin outputs the system clock signal.
BYTDIS Disable/Enable Control for Pin BHE (Set according to data bus width)
0: Pin BHE enabled
1: Pin BHE disabled, pin may be used for general purpose I/O.
ROMEN Internal Memory Enable (Set according to pin EA during reset)
0: Internal Memory disabled: accesses to the Memory area use the external bus
1: Internal Memory enabled.
SGTDIS Segmentation Disable/Enable Control
0: Segmentation enabled (CSP is saved/restored during interrupt entry/exit)
1: Segmentation disabled (Only IP is saved/restored).
ROMS1 Internal Flash Memory Mapping
0: Internal Flash Memory area mapped to segment 0 (00’0000H...00’7FFFH)
1: Internal Flash Memory area mapped to segment 1 (01’0000H...01’7FFFH).
STKSZ System Stack Size
Selects the size of the system stack (in the internal RAM) from 32 to 1024 words.
Table 40.
Stack size selection
<STKSZ>
Stack
size
(words)
Internal RAM addresses (words) of physical stack
Significant bits
of stack pointer
SP
0 0 0 b
256
00’FBFEh...00’FA00h (Default after Reset)
SP.8...SP.0
0 0 1 b
128
00’FBFEh...00’FB00h
SP.7...SP.0
0 1 0 b
64
00’FBFEh...00’FB80h
SP.6...SP.0
0 1 1 b
32
00’FBFEh...00’FBC0h
SP.5...SP.0
1 0 0 b
512
00’FBFEh...00’F800h (not for 1K Byte IRAM)
SP.9...SP.0
1 0 1 b
-
Reserved. Do not use this combination
-
1 1 0 b
-
Reserved. Do not use this combination
-
1 1 1 b
1024
00’FDFEh...00’FX00h (Note: No circular stack)
00’FX00h represents the lower IRAM limit, i.e.
1K Byte: 00’FA00h, 2K Byte: 00’F600h, 3K Byte:
00’F200h
SP.11...SP.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com