Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 195 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 195 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 191Page - STMicroelectronics ST10F280_12 Datasheet HTML 192Page - STMicroelectronics ST10F280_12 Datasheet HTML 193Page - STMicroelectronics ST10F280_12 Datasheet HTML 194Page - STMicroelectronics ST10F280_12 Datasheet HTML 195Page - STMicroelectronics ST10F280_12 Datasheet HTML 196Page - STMicroelectronics ST10F280_12 Datasheet HTML 197Page - STMicroelectronics ST10F280_12 Datasheet HTML 198Page - STMicroelectronics ST10F280_12 Datasheet HTML 199Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 239 page
background image
ST10F280
Special function register overview
Doc ID 8673 Rev. 3
195/239
IDCHIP
Address:
F07Ch / 3Eh ESFR
Reset:
0x118Xh
Type:
R
IDMEM
Address:
0xF07Ah / 3Dh ESFR
Reset:
0x3080h
Type:
R
IDPROG
Address:
F078h / 3Ch ESFR
Reset:
0x0040h
Type:
R
Note:
1. All identification words are read only registers.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
CHIPID
REVID
RR
REVID Device Revision Identifier
CHIPID Device Identifier 118h: ST10F280 identifier.
15
14
13
12
11
10
987
654
321
0
MEMTYP
MEMSIZE
RR
MEMSIZE Internal Memory Size is calculated using the following formula:
Size = 4 x [MEMSIZE] (in K Byte) 080h for ST10F280 (512K Byte)
MEMTYP Internal Memory Type 3h for ST10F280 (Flash memory).
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
PROGVPP
PROGVDD
RR
PROGVDD Programming VDD Voltage
VDD voltage when programming EPROM or FLASH devices is calculated using the
following formula: VDD = 20 x [PROGVDD] / 256 (volts) 40h for ST10F280 (5V).
PROGVPP Programming VPP Voltage (no need of external VPP) 00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com