Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 191 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 191 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 187Page - STMicroelectronics ST10F280_12 Datasheet HTML 188Page - STMicroelectronics ST10F280_12 Datasheet HTML 189Page - STMicroelectronics ST10F280_12 Datasheet HTML 190Page - STMicroelectronics ST10F280_12 Datasheet HTML 191Page - STMicroelectronics ST10F280_12 Datasheet HTML 192Page - STMicroelectronics ST10F280_12 Datasheet HTML 193Page - STMicroelectronics ST10F280_12 Datasheet HTML 194Page - STMicroelectronics ST10F280_12 Datasheet HTML 195Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 239 page
background image
ST10F280
Special function register overview
Doc ID 8673 Rev. 3
191/239
S0TBUF
FEB0h
58h
Serial Channel 0 Transmit Buffer Register (write
only)
0000h
S0TIC
b FF6Ch
B6h
Serial Channel 0 Transmit Interrupt Control
Register
- - 00h
SP
FE12h
09h
CPU System Stack Pointer Register
FC00h
SSCBR
F0B4h E
5Ah
SSC Baud Rate Register
0000h
SSCCON
b FFB2h
D9h
SSC Control Register
0000h
SSCEIC
b FF76h
BBh
SSC Error Interrupt Control Register
- - 00h
SSCRB
F0B2h E
59h
SSC Receive Buffer (read only)
XXXXh
SSCRIC
b FF74h
BAh
SSC Receive Interrupt Control Register
- - 00h
SSCTB
F0B0h E
58h
SSC Transmit Buffer (write only)
0000h
SSCTIC
b FF72h
B9h
SSC Transmit Interrupt Control Register
- - 00h
STKOV
FE14h
0Ah
CPU Stack Overflow Pointer Register
FA00h
STKUN
FE16h
0Bh
CPU Stack Underflow Pointer Register
FC00h
SYSCON
b FF12h
89h
CPU System Configuration Register
0xx0h(1)
T0
FE50h
28h
CAPCOM Timer 0 Register
0000h
T01CON
b FF50h
A8h
CAPCOM Timer 0 and Timer 1 Control Register
0000h
T0IC
b FF9Ch
CEh
CAPCOM Timer 0 Interrupt Control Register
- - 00h
T0REL
FE54h
2Ah
CAPCOM Timer 0 Reload Register
0000h
T1
FE52h
29h
CAPCOM Timer 1 Register
0000h
T1IC
b FF9Eh
CFh
CAPCOM Timer 1 Interrupt Control Register
- - 00h
T1REL
FE56h
2Bh
CAPCOM Timer 1 Reload Register
0000h
T2
FE40h
20h
GPT1 Timer 2 Register
0000h
T2CON
b FF40h
A0h
GPT1 Timer 2 Control Register
0000h
T2IC
b FF60h
B0h
GPT1 Timer 2 Interrupt Control Register
- - 00h
T3
FE42h
21h
GPT1 Timer 3 Register
0000h
T3CON
b FF42h
A1h
GPT1 Timer 3 Control Register
0000h
T3IC
b FF62h
B1h
GPT1 Timer 3 Interrupt Control Register
- - 00h
T4
FE44h
22h
GPT1 Timer 4 Register
0000h
T4CON
b FF44h
A2h
GPT1 Timer 4 Control Register
0000h
T4IC
b FF64h
B2h
GPT1 Timer 4 Interrupt Control Register
- - 00h
T5
FE46h
23h
GPT2 Timer 5 Register
0000h
T5CON
b FF46h
A3h
GPT2 Timer 5 Control Register
0000h
T5IC
b FF66h
B3h
GPT2 Timer 5 Interrupt Control Register
- - 00h
T6
FE48h
24h
GPT2 Timer 6 Register
0000h
Table 38.
Special function registers listed by name (continued)
Name
Physical
address
8-bit
address
Description
Reset
value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com