Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 188 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 188 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 184Page - STMicroelectronics ST10F280_12 Datasheet HTML 185Page - STMicroelectronics ST10F280_12 Datasheet HTML 186Page - STMicroelectronics ST10F280_12 Datasheet HTML 187Page - STMicroelectronics ST10F280_12 Datasheet HTML 188Page - STMicroelectronics ST10F280_12 Datasheet HTML 189Page - STMicroelectronics ST10F280_12 Datasheet HTML 190Page - STMicroelectronics ST10F280_12 Datasheet HTML 191Page - STMicroelectronics ST10F280_12 Datasheet HTML 192Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 239 page
background image
Special function register overview
ST10F280
188/239
Doc ID 8673 Rev. 3
CSP
FE08h
04h
CPU Code Segment Pointer Register (read only)
0000h
DP0L
b F100h E
80h
P0L Direction Control Register
- - 00h
DP0H
b F102h E
81h
P0h Direction Control Register
- - 00h
DP1L
b F104h E
82h
P1L Direction Control Register
- - 00h
DP1H
b F106h E
83h
P1h Direction Control Register
- - 00h
DP2
b FFC2h
E1h
Port 2 Direction Control Register
0000h
DP3
b FFC6h
E3h
Port 3 Direction Control Register
0000h
DP4
b FFCAh
E5h
Port 4 Direction Control Register
- - 00h
DP6
b FFCEh
E7h
Port 6 Direction Control Register
- - 00h
DP7
b FFD2h
E9h
Port 7 Direction Control Register
- - 00h
DP8
b FFD6h
EBh
Port 8 Direction Control Register
- - 00h
DPP0
FE00h
00h
CPU Data Page Pointer 0 Register (10-bit)
0000h
DPP1
FE02h
01h
CPU Data Page Pointer 1 Register (10-bit)
0001h
DPP2
FE04h
02h
CPU Data Page Pointer 2 Register (10-bit)
0002h
DPP3
FE06h
03h
CPU Data Page Pointer 3 Register (10-bit)
0003h
EXICON
b F1C0h E
E0h
External Interrupt Control Register
0000h
EXISEL
b F1DAh E
EDh
External Interrupt Source Selection Register
0000h
IDCHIP
F07Ch E
3Eh
Device Identifier Register (n is the device
revision)
118nh
IDMANUF
F07Eh E
3Fh
Manufacturer Identifier Register
0401h
IDMEM
F07Ah E
3Dh
On-chip Memory Identifier Register
3080h
IDPROG
F078h E
3Ch
Programming Voltage Identifier Register
0040h
IDX0
b FF08h
84h
MAC Unit Address Pointer 0
0000h
IDX1
b FF0Ah
85h
MAC Unit Address Pointer 1
0000h
MAH
FE5Eh
2Fh
MAC Unit Accumulator - High Word
0000h
MAL
FE5Ch
2Eh
MAC Unit Accumulator - Low Word
0000h
MCW
b FFDCh
EEh
MAC Unit Control Word
0000h
MDC
b FF0Eh
87h
CPU Multiply Divide Control Register
0000h
MDH
FE0Ch
06h
CPU Multiply Divide Register – High Word
0000h
MDL
FE0Eh
07h
CPU Multiply Divide Register – Low Word
0000h
MRW
b FFDAh
EDh
MAC Unit Repeat Word
0000h
MSW
b FFDEh
EFh
MAC Unit Status Word
0200h
ODP2
b F1C2h E
E1h
Port 2 Open Drain Control Register
0000h
ODP3
b F1C6h E
E3h
Port 3 Open Drain Control Register
0000h
Table 38.
Special function registers listed by name (continued)
Name
Physical
address
8-bit
address
Description
Reset
value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com