Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 189 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 189 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 185Page - STMicroelectronics ST10F280_12 Datasheet HTML 186Page - STMicroelectronics ST10F280_12 Datasheet HTML 187Page - STMicroelectronics ST10F280_12 Datasheet HTML 188Page - STMicroelectronics ST10F280_12 Datasheet HTML 189Page - STMicroelectronics ST10F280_12 Datasheet HTML 190Page - STMicroelectronics ST10F280_12 Datasheet HTML 191Page - STMicroelectronics ST10F280_12 Datasheet HTML 192Page - STMicroelectronics ST10F280_12 Datasheet HTML 193Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 239 page
background image
ST10F280
Special function register overview
Doc ID 8673 Rev. 3
189/239
ODP4
b F1CAh E
E5h
Port 4 Open Drain Control Register
- - 00h
ODP6
b F1CEh E
E7h
Port 6 Open Drain Control Register
- - 00h
ODP7
b F1D2h E
E9h
Port 7 Open Drain Control Register
- - 00h
ODP8
b F1D6h E
EBh
Port 8 Open Drain Control Register
- - 00h
ONES
b FF1Eh
8Fh
Constant Value 1’s Register (read only)
FFFFh
P0L
b FF00h
80h
PORT0 Low Register (Lower half of PORT0)
- - 00h
P0H
b FF02h
81h
PORT0 High Register (Upper half of PORT0)
- - 00h
P1L
b FF04h
82h
PORT1 Low Register (Lower half of PORT1)
- - 00h
P1H
b FF06h
83h
PORT1 High Register (Upper half of PORT1)
- - 00h
P2
b FFC0h
E0h
Port 2 Register
0000h
P3
b FFC4h
E2h
Port 3 Register
0000h
P4
b FFC8h
E4h
Port 4 Register (8-bit)
- - 00h
P5
b FFA2h
D1h
Port 5 Register (read only)
XXXXh
P6
b FFCCh
E6h
Port 6 Register (8-bit)
- - 00h
P7
b FFD0h
E8h
Port 7 Register (8-bit)
- - 00h
P8
b FFD4h
EAh
Port 8 Register (8-bit)
- - 00h
P5DIDIS
b FFA4h
D2h
Port 5 Digital Disable Register
0000h
POCON0L
F080h E
40h
PORT0 Low Output Control Register (8-bit)
- - 00h
POCON0H
F082h E
41h
PORT0 High Output Control Register (8-bit)
- - 00h
POCON1L
F084h E
42h
PORT1 Low Output Control Register (8-bit)
- - 00h
POCON1H
F086h E
43h
PORT1 High Output Control Register (8-bit)
- - 00h
POCON2
F088h E
44h
Port2 Output Control Register
0000h
POCON3
F08Ah E
45h
Port3 Output Control Register
0000h
POCON4
F08Ch E
46h
Port4 Output Control Register (8-bit)
- - 00h
POCON6
F08Eh E
47h
Port6 Output Control Register (8-bit)
- - 00h
POCON7
F090h E
48h
Port7 Output Control Register (8-bit)
- - 00h
POCON8
F092h E
49h
Port8 Output Control Register (8-bit)
- - 00h
POCON20
F0AAh E
55h
ALE, RD, WR Output Control Register (8-bit)
- - 00h
PECC0
FEC0h
60h
PEC Channel 0 Control Register
0000h
PECC1
FEC2h
61h
PEC Channel 1 Control Register
0000h
PECC2
FEC4h
62h
PEC Channel 2 Control Register
0000h
PECC3
FEC6h
63h
PEC Channel 3 Control Register
0000h
PECC4
FEC8h
64h
PEC Channel 4 Control Register
0000h
PECC5
FECAh
65h
PEC Channel 5 Control Register
0000h
Table 38.
Special function registers listed by name (continued)
Name
Physical
address
8-bit
address
Description
Reset
value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com