Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 185 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 185 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 181Page - STMicroelectronics ST10F280_12 Datasheet HTML 182Page - STMicroelectronics ST10F280_12 Datasheet HTML 183Page - STMicroelectronics ST10F280_12 Datasheet HTML 184Page - STMicroelectronics ST10F280_12 Datasheet HTML 185Page - STMicroelectronics ST10F280_12 Datasheet HTML 186Page - STMicroelectronics ST10F280_12 Datasheet HTML 187Page - STMicroelectronics ST10F280_12 Datasheet HTML 188Page - STMicroelectronics ST10F280_12 Datasheet HTML 189Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 239 page
background image
ST10F280
Special function register overview
Doc ID 8673 Rev. 3
185/239
19
Special function register overview
The following table lists all SFRs which are implemented in the ST10F280 in alphabetical
order. Bit-addressable SFRs are marked with the letter “b” in column “Name”. SFRs within
the Extended SFR-Space (ESFRs) are marked with the letter “E” in column “Physical
Address”.
An SFR can be specified by its individual mnemonic name. Depending on the selected
addressing mode, an SFR can be accessed via its physical address (using the Data Page
Pointers), or via its short 8-bit address (without using the Data Page Pointers).
The reset value is defined as following:
X: Means the full nibble is not defined at reset.
x: Means some bit of the nibble are not defined at reset.
Table 38.
Special function registers listed by name
Name
Physical
address
8-bit
address
Description
Reset
value
ADCIC
b FF98h
CCh
A/D Converter end of Conversion Interrupt
Control Register
- - 00h
ADCON
b FFA0h
D0h
A/D Converter Control Register
0000h
ADDAT
FEA0h
50h
A/D Converter Result Register
0000h
ADDAT2
F0A0h E
50h
A/D Converter 2 Result Register
0000h
ADDRSEL1
FE18h
0Ch
Address Select Register 1
0000h
ADDRSEL2
FE1Ah
0Dh
Address Select Register 2
0000h
ADDRSEL3
FE1Ch
0Eh
Address Select Register 3
0000h
ADDRSEL4
FE1Eh
0Fh
Address Select Register 4
0000h
ADEIC
b FF9Ah
CDh
A/D Converter Overrun Error Interrupt Control
Register
- - 00h
BUSCON0
b FF0Ch
86h
Bus Configuration Register 0
0xx0h
BUSCON1
b FF14h
8Ah
Bus Configuration Register 1
0000h
BUSCON2
b FF16h
8Bh
Bus Configuration Register 2
0000h
BUSCON3
b FF18h
8Ch
Bus Configuration Register 3
0000h
BUSCON4
b FF1Ah
8Dh
Bus Configuration Register 4
0000h
CAPREL
FE4Ah
25h
GPT2 Capture/Reload Register
0000h
CC0
FE80h
40h
CAPCOM Register 0
0000h
CC0IC
b FF78h
BCh
CAPCOM Register 0 Interrupt Control Register
- - 00h
CC1
FE82h
41h
CAPCOM Register 1
0000h
CC1IC
b FF7Ah
BDh
CAPCOM Register 1 Interrupt Control Register
- - 00h
CC2
FE84h
42h
CAPCOM Register 2
0000h
CC2IC
b FF7Ch
BEh
CAPCOM Register 2 Interrupt Control Register
- - 00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com