Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 181 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 181 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 177Page - STMicroelectronics ST10F280_12 Datasheet HTML 178Page - STMicroelectronics ST10F280_12 Datasheet HTML 179Page - STMicroelectronics ST10F280_12 Datasheet HTML 180Page - STMicroelectronics ST10F280_12 Datasheet HTML 181Page - STMicroelectronics ST10F280_12 Datasheet HTML 182Page - STMicroelectronics ST10F280_12 Datasheet HTML 183Page - STMicroelectronics ST10F280_12 Datasheet HTML 184Page - STMicroelectronics ST10F280_12 Datasheet HTML 185Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 239 page
background image
ST10F280
Power reduction modes
Doc ID 8673 Rev. 3
181/239
SYSCON
Address:
0xFF12H / 89h SFR
Reset:
0x0XX0h
Type:
R/W
Note:
Register SYSCON cannot be changed after execution of the EINIT instruction.
18.2.1
Protected power down mode
This mode is selected by clearing the bit PWDCFG in register SYSCON to ‘0’.
In this mode, the Power Down mode can only be entered if the NMI (Non Maskable
Interrupt) pin is externally pulled low while the PWRDN instruction is executed.
This feature can be used in conjunction with an external power failure signal which pulls the
NMI pin low when a power failure is imminent. The microcontroller will enter the NMI trap
routine which can save the internal state into RAM. After the internal state has been saved,
the trap routine may set a flag or write a certain bit pattern into specific RAM locations, and
then execute the PWRDN instruction. If the NMI pin is still low at this time, Power Down
mode will be entered, otherwise program execution continues. During power down the
voltage delivered by the on-chip voltage regulator automatically lowers the internal logic
supply down to 2.5 V, saving the power while the contents of the internal RAM and all
registers will still be preserved.
Exiting power down mode
In this mode, the only way to exit Power Down mode is with an external hardware reset.
The initialization routine (executed upon reset) can check the identification flag or bit pattern
within RAM to determine whether the controller was initially switched on, or whether it was
properly restarted from Power Down mode.
18.2.2
Interruptable power down mode
This mode is selected by setting the bit PWDCFG in register SYSCON to ‘1’.
15
14
13
12
11
10
9876
5432
1
0
STKSZ
XPEN
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
PWDCFG Power Down Mode Configuration Control
0: Power Down Mode can only be entered during PWRDN instruction execution if NMI pin
is low, otherwise the instruction has no effect. To exit Power Down Mode, an external reset
must occurs by asserting the RSTIN pin.
1: Power Down Mode can only be entered during PWRDN instruction execution if all
enabled FastExternal Interrupt (EXxIN) pins are in their inactive level. Exiting this mode
can be done by asserting one enabled EXxIN pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com