Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 180 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 180 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 176Page - STMicroelectronics ST10F280_12 Datasheet HTML 177Page - STMicroelectronics ST10F280_12 Datasheet HTML 178Page - STMicroelectronics ST10F280_12 Datasheet HTML 179Page - STMicroelectronics ST10F280_12 Datasheet HTML 180Page - STMicroelectronics ST10F280_12 Datasheet HTML 181Page - STMicroelectronics ST10F280_12 Datasheet HTML 182Page - STMicroelectronics ST10F280_12 Datasheet HTML 183Page - STMicroelectronics ST10F280_12 Datasheet HTML 184Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 239 page
background image
Power reduction modes
ST10F280
180/239
Doc ID 8673 Rev. 3
18
Power reduction modes
Two different power reduction modes with different levels of power reduction have been
implemented in the ST10F280, which may be entered under software control.
In Idle mode the CPU is stopped, while the peripherals continue their operation. Idle mode
can be terminated by any reset or interrupt request.
In Power Down mode both the CPU and the peripherals are stopped. Power Down mode
can now be configured by software in order to be terminated only by a hardware reset or by
a transition on enabled fast external interrupt pins.
Note:
All external bus actions are completed before Idle or Power Down mode is entered.
However, Idle or Power Down mode is not entered if READY is enabled, but has not been
activated (driven low for negative polarity, or driven high for positive polarity) during the last
bus access.
18.1
Idle mode
Idle mode is entered by running IDLE protected instruction. The CPU operation is stopped
and the peripherals still run.
Idle mode is terminate by any interrupt request. Whatever the interrupt is serviced or not,
the instruction following the IDLE instruction will be executed after return from interrupt
(RETI) instruction, then the CPU resumes the normal program.
Note that a PEC transfer keeps the CPU in Idle mode. If the PEC transfer does not succeed,
the Idle mode is terminated. Watchdog timer must be properly programmed to avoid any
disturbance during Idle mode.
18.2
Power down mode
Power Down mode starts by running PWRDN protected instruction. Internal clock is
stopped, all MCU parts are on hold including the watchdog timer.
There are two different operating Power Down modes: protected mode and interruptible
mode. The internal RAM contents can be preserved through the voltage supplied via the
VDD pins. To verify RAM integrity, some dedicated patterns may be written before entering
the Power Down mode and have to be checked after Power Down is resumed.
It is mandatory to keep VDD = +5V ±10% during power-down mode, because the on-chip
voltage regulator is turned in power saving mode and it delivers 2.5V to the core logic, but it
must be supplied at nominal VDD = +5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com