Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 176 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 176 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 172Page - STMicroelectronics ST10F280_12 Datasheet HTML 173Page - STMicroelectronics ST10F280_12 Datasheet HTML 174Page - STMicroelectronics ST10F280_12 Datasheet HTML 175Page - STMicroelectronics ST10F280_12 Datasheet HTML 176Page - STMicroelectronics ST10F280_12 Datasheet HTML 177Page - STMicroelectronics ST10F280_12 Datasheet HTML 178Page - STMicroelectronics ST10F280_12 Datasheet HTML 179Page - STMicroelectronics ST10F280_12 Datasheet HTML 180Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 239 page
background image
System reset
ST10F280
176/239
Doc ID 8673 Rev. 3
hardware reset. C0 capacitor starts to charge throught R0 and at the end of reset sequence
ST10F280 restarts. RPD pin threshold is typically 2.5V.
Depending on the delay of the next applied reset, the MCU can enter a synchronous reset or
an asynchronous reset. If RPD pin is below 2.5V an asynchronous reset starts, if RPD pin is
above 2.5V a synchronous reset starts. (see Section 17.1: Asynchronous reset (long
hardware reset) and Section 17.2: Synchronous reset (warm reset)).
Note that an internal pull-down is connected to RPD pin and can drive a 100
μA to 200μA
current. This Pull-down is turned on when RSTIN pin is low.
In order to properly use the Bidirectional reset features, the schematic (or equivalent) of
Figure 66 must be implemented. R1-C1 only work for power-on or manual reset in the same
way as explained previously. D1 diode brings a faster discharge of C1 capacitor at power-off
during repetitive switch-on / switch-off sequences. D2 diode performs an OR-wired
connection, it can be replaced with an open drain buffer. R2 resistor may be added to
increase the pull-up current to the open drain in order to get a faster rise time on RSTIN pin
when bidirectional function is activated.
The start-up configurations and some system features are selected on reset sequences as
described in Table and Table 37.
Table 36 describes what is the system configuration latched on PORT0 in the five different
reset ways. Table 37 summarizes the bit state of PORT0 latched in RP0H, SYSCON,
BUSCON0 registers. RPOH register is described in Section 19.2: System configuration
registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com