Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 174 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 174 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 170Page - STMicroelectronics ST10F280_12 Datasheet HTML 171Page - STMicroelectronics ST10F280_12 Datasheet HTML 172Page - STMicroelectronics ST10F280_12 Datasheet HTML 173Page - STMicroelectronics ST10F280_12 Datasheet HTML 174Page - STMicroelectronics ST10F280_12 Datasheet HTML 175Page - STMicroelectronics ST10F280_12 Datasheet HTML 176Page - STMicroelectronics ST10F280_12 Datasheet HTML 177Page - STMicroelectronics ST10F280_12 Datasheet HTML 178Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 239 page
background image
System reset
ST10F280
174/239
Doc ID 8673 Rev. 3
Figure 67.
Synchronous warm reset (long low pulse on RSTIN)
1.
RSTIN rising edge to internal latch of PORT0 is 3 CPU (6 TCL) clock cycles if the PLL is bypassed and the
prescaler is on (fCPU = fXTAL / 2), else it is 4 CPU clock cycles (8 TCL).
2.
If during the reset condition (RSTIN low), VRPD voltage drops below the threshold voltage (about 2.5V for
5V operation), the asynchronous reset is then immediately entered.
3.
RSTIN pin is pulled low if bit BDRSTEN (bit 5 of SYSCON register) was previously set by soft-ware. Bit
BDRSTEN is cleared after reset.
17.3
Software reset
The reset sequence can be triggered at any time using the protected instruction SRST
(software reset). This instruction can be executed deliberately within a program, for example
to leave bootstrap loader mode, or upon a hardware trap that reveals a system failure.
Upon execution of the SRST instruction, the internal reset sequence (1024 TCL) is started.
The microcontroller behaviour is the same as for a Short Hardware reset, except that only
P0.12...P0.6 bit are latched at the end of the reset sequence, while P0.5...P0.2 bit are
cleared.
17.4
Watchdog timer reset
When the watchdog timer is not disabled during the initialization or when it is not regularly
serviced during program execution it will overflow and it will trigger the reset sequence.
Unlike hardware and software resets, the watchdog reset completes a running external bus
cycle if this bus cycle either does not use READY, or if READY is sampled active (low) after
the programmed wait states. When READY is sampled inactive (high) after the programmed
wait states the running external bus cycle is aborted. Then the internal reset sequence is
started. At the end of the internal reset sequence (1024 TCL), only P0.12...P0.6 bit are
latched, while previously latched values of P0.5...P0.2 are cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com