Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 170 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 170 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 166Page - STMicroelectronics ST10F280_12 Datasheet HTML 167Page - STMicroelectronics ST10F280_12 Datasheet HTML 168Page - STMicroelectronics ST10F280_12 Datasheet HTML 169Page - STMicroelectronics ST10F280_12 Datasheet HTML 170Page - STMicroelectronics ST10F280_12 Datasheet HTML 171Page - STMicroelectronics ST10F280_12 Datasheet HTML 172Page - STMicroelectronics ST10F280_12 Datasheet HTML 173Page - STMicroelectronics ST10F280_12 Datasheet HTML 174Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 239 page
background image
Watchdog timer
ST10F280
170/239
Doc ID 8673 Rev. 3
The PONR flag of WDTCON register is set if the output voltage of the internal 3.3V supply
falls below the threshold (typically 2V) of the power-on detection circuit. This circuit is
efficient to detect major failures of the external 5V supply but if the internal 3.3V supply does
not drop under 2 volts, the PONR flag is not set. This could be the case on fast switch-off /
switch-on of the 5V supply. The time needed for such a sequence to activate the PONR flag
depends on the value of the capacitors connected to the supply and on the exact value of
the internal threshold of the detection circuit.
Note:
1. PONR bit may not be set for short supply failure.
Note:
2. For power-on reset and reset after supply partial failure, asynchronous reset must be
used.
In case of bi-directional reset is enabled, and if the RSTIN pin is latched low after the end of
the internal reset sequence, then a Short hardware reset, a software reset or a watchdog
reset will trigger a Long hardware reset. Thus, Reset Indications flags will be set to indicate
a Long Hardware Reset.
The Watchdog Timer is 16-bit, clocked with the system clock divided by 2 or 128. The high
Byte of the watchdog timer register can be set to a pre-specified reload value (stored in
WDTREL).
Each time it is serviced by the application software, the high byte of the watchdog timer is
reloaded. For security, rewrite WDTCON each time before the watchdog timer is serviced
The Table 34 shows the watchdog time range for 40MHz CPU clock.
The watchdog timer period is calculated with the following formula:
Table 33.
WDTCON bits value on different resets
Reset source
PONR
LHWR
SHWR
SWR
WDTR
Power On Reset
XXX
X
Power on after partial supply
failure
1X
X
X
Long Hardware Reset
X
X
X
Short Hardware Reset
X
X
Software Reset
X
Watchdog Reset
X
X
Table 34.
WDTREL reload value
Reload value in WDTREL
Prescaler for fCPU = 40MHz
2 (WDTIN = ‘0’)
128 (WDTIN = ‘1’)
FFh
12.8
μs819.2ms
00h
3.276ms
209.7ms
P
WDT
1
f
CPU
---------------
512
×
1WDTIN
] 63 )
256
WDTREL
])
[
–
(
×
×
[
+
(
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com