Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 169 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 169 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 165Page - STMicroelectronics ST10F280_12 Datasheet HTML 166Page - STMicroelectronics ST10F280_12 Datasheet HTML 167Page - STMicroelectronics ST10F280_12 Datasheet HTML 168Page - STMicroelectronics ST10F280_12 Datasheet HTML 169Page - STMicroelectronics ST10F280_12 Datasheet HTML 170Page - STMicroelectronics ST10F280_12 Datasheet HTML 171Page - STMicroelectronics ST10F280_12 Datasheet HTML 172Page - STMicroelectronics ST10F280_12 Datasheet HTML 173Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 239 page
background image
ST10F280
Watchdog timer
Doc ID 8673 Rev. 3
169/239
16
Watchdog timer
The Watchdog Timer is a fail-safe mechanism which prevents the microcontroller from
malfunctioning for long periods of time.
The Watchdog Timer is always enabled after a reset of the chip and can only be disabled in
the time interval until the EINIT (end of initialization) instruction has been executed.
Therefore, the chip start-up procedure is always monitored. The software must be designed
to service the watchdog timer before it overflows. If, due to hardware or software related
failures, the software fails to do so, the watchdog timer overflows and generates an internal
hardware reset. It pulls the RSTOUT pin low in order to allow external hardware components
to be reset.
Each of the different reset sources is indicated in the WDTCON register.
The indicated bit are cleared with the EINIT instruction. The origine of the reset can be
identified during the initialization phase.
WDTCON
Address:
0xFFAEh / D7h SFR
Reset:
0x00XXh
Type:
R, R/W
15
14
13
12
11
10
9
8
76543210
WDTREL
-
-
PONR
LHWR
SHWR
SWR
WDTR
WDTIN
R/W
RRRRR
R/W
WDTIN Watchdog Timer Input Frequency Selection
0: Input Frequency is fCPU/2.
1: Input Frequency is fCPU/128.
WDTR(1)
1.
More than one reset indication flag may be set. After EINIT, all flags are cleared.
Watchdog Timer Reset Indication Flag
Set by the watchdog timer on an overflow.
Cleared by a hardware reset or by the SRVWDT instruction.
SWR(1) Software Reset Indication Flag
Set by the SRST execution.
Cleared by the EINIT instruction.
SHWR(1) Short Hardware Reset Indication Flag
Set by the input RSTIN.
Cleared by the EINIT instruction.
LHWR(1) Long Hardware Reset Indication Flag
Set by the input RSTIN.
Cleared by the EINIT instruction.
PONR(1)(2)
2.
Power-on is detected when a rising edge from Vcc = 0 V to Vcc > 2.0 V is recognized.
Power-On (Asynchronous) Reset Indication Flag
Set by the input RSTIN if a power-on condition has been detected.
Cleared by the EINIT instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com