Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 167 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 167 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 163Page - STMicroelectronics ST10F280_12 Datasheet HTML 164Page - STMicroelectronics ST10F280_12 Datasheet HTML 165Page - STMicroelectronics ST10F280_12 Datasheet HTML 166Page - STMicroelectronics ST10F280_12 Datasheet HTML 167Page - STMicroelectronics ST10F280_12 Datasheet HTML 168Page - STMicroelectronics ST10F280_12 Datasheet HTML 169Page - STMicroelectronics ST10F280_12 Datasheet HTML 170Page - STMicroelectronics ST10F280_12 Datasheet HTML 171Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 239 page
background image
ST10F280
CAN modules
Doc ID 8673 Rev. 3
167/239
Message Control Register
Address:
0xEFn0h / EEn0h XReg
Reset:
0xUUUUh
Type:
R/W
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RMTPND
TXRQ
MSGLST
CPUUPD
NEWDAT
MSGVAL
TXIE
RXIE
INTPND
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
INTPND Interrupt Pending
Indicates, if this message object has generated an interrupt request (see TXIE and
RXIE), since this bit was last reset by the CPU, or not.
RXIE Receive Interrupt Enable
Defines, if bit INTPND is set after successful reception of a frame.
TXIE Transmit Interrupt Enable
Defines, if bit INTPND is set after successful transmission of a frame.(1)
1.
In message object 15 (last message) these bits are hardwired to “0” (inactive) in order to prevent
transmission of message 15.
MSGVAL Message Valid
Indicates, if the corresponding message object is valid or not. The CAN controller only
operates on valid objects. Message objects can be tagged invalid, while they are
changed, or if they are not used at all.
NEWDAT New Data
Indicates, if new data has been written into the data portion of this message object by
CPU (transmit-objects) or CAN controller (receive-objects) since this bit was last
reset, or not.(2)
2.
When the CAN controller writes new data into the message object, unused message bytes will be
overwritten by non specified values. Usually the CPU will clear this bit before working on the data, and
verify that the bit is still cleared once it has finished working to ensure that it has worked on a consistent set
of data and not part of an old message and part of the new message.
For transmit-objects the CPU will set this bit along with clearing bit CPUUPD. This will ensure that, if the
message is actually being transmitted during the time the message was being updated by the CPU, the
CAN controller will not reset bit TXRQ. In this way bit TXRQ is only reset once the actual data has been
transferred.
MSGLST
(Receive)
Message Lost (This bit applies to receive-objects only)
Indicates that the CAN controller has stored a new message into this object, while
NEWDAT was still set, i.e. the previously stored message is lost.
CPUUPD
(Transmit)
CPU Update (This bit applies to transmit-objects only)
Indicates that the corresponding message object may not be transmitted now. The
CPU sets this bit in order to inhibit the transmission of a message that is currently
updated, or to control the automatic response to remote requests.
TXRQ Transmit Request
Indicates that the transmission of this message object is requested by the CPU or via
a remote frame and is not yet done. TXRQ can be disabled by CPUUPD. (1) (3)
RMTPND Remote Pending (Used for transmit-objects)
Indicates that the transmission of this message object has been requested by a
remote node, but the data has not yet been transmitted. When RMTPND is set, the
CAN controller also sets TXRQ. RMTPND and TXRQ are cleared, when the message
object has been successfully transmitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com