Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 171 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 171 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 167Page - STMicroelectronics ST10F280_12 Datasheet HTML 168Page - STMicroelectronics ST10F280_12 Datasheet HTML 169Page - STMicroelectronics ST10F280_12 Datasheet HTML 170Page - STMicroelectronics ST10F280_12 Datasheet HTML 171Page - STMicroelectronics ST10F280_12 Datasheet HTML 172Page - STMicroelectronics ST10F280_12 Datasheet HTML 173Page - STMicroelectronics ST10F280_12 Datasheet HTML 174Page - STMicroelectronics ST10F280_12 Datasheet HTML 175Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 239 page
background image
ST10F280
System reset
Doc ID 8673 Rev. 3
171/239
17
System reset
System reset initializes the MCU in a predefined state. There are five ways to activate a
reset state. The system start-up configuration is different for each case as shown in
Table 35.
17.1
Asynchronous reset (long hardware reset)
An asynchronous reset is triggered when RSTIN pin is pulled low while RPD pin is at low
level. Then the MCU is immediately forced in reset default state. It pulls low RSTOUT pin, it
cancels pending internal hold states if any, it waits for any internal access cycles to finish, it
aborts external bus cycle, it switches buses (data, address and control signals) and I/O pin
drivers to high-impedance, it pulls high PORT0 pins and the reset sequence starts.
17.1.1
Power-on reset
The asynchronous reset must be used during the power-on of the MCU. Depending on
crystal frequency, the on-chip oscillator needs about 10ms to 50ms to stabilize. The logic of
the MCU does not need a stabilized clock signal to detect an asynchronous reset, so it is
suitable for power-on conditions. To ensure a proper reset sequence, the RSTIN pin and the
RPD pin must be held at low level until the MCU clock signal is stabilized and the system
configuration value on PORT0 is settled.
17.1.2
Hardware reset
The asynchronous reset must be used to recover from catastrophic situations of the
application. It may be triggerred by the hardware of the application. Internal hardware logic
and application circuitry are described in Reset circuitry chapter and Figure 68, Figure 69
and Figure 66.
17.1.3
Exit of asynchronous reset state
When the RSTIN pin is pulled high, the MCU restarts. The system configuration is latched
from PORT0 and ALE, RD and R/W pins are driven to their inactive level. The MCU starts
program execution from memory location 00'0000h in code segment 0. This starting location
will typically point to the general initialization routine. Timing of asynchronous reset
sequence are summarized in Figure 61.
Table 35.
Reset event definition
Reset source
Short-cut
Conditions
Power-on reset
PONR
Power-on
Long Hardware reset (synchronous & asynchronous)
LHWR
t RSTIN > 1032 TCL
Short Hardware reset (synchronous reset)
SHWR
4 TCL < t RSTIN < 1032 TCL
Watchdog Timer reset
WDTR
WDT overflow
Software reset
SWR
SRST execution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com