Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 175 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 175 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 171Page - STMicroelectronics ST10F280_12 Datasheet HTML 172Page - STMicroelectronics ST10F280_12 Datasheet HTML 173Page - STMicroelectronics ST10F280_12 Datasheet HTML 174Page - STMicroelectronics ST10F280_12 Datasheet HTML 175Page - STMicroelectronics ST10F280_12 Datasheet HTML 176Page - STMicroelectronics ST10F280_12 Datasheet HTML 177Page - STMicroelectronics ST10F280_12 Datasheet HTML 178Page - STMicroelectronics ST10F280_12 Datasheet HTML 179Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 239 page
background image
ST10F280
System reset
Doc ID 8673 Rev. 3
175/239
17.5
RSTOUT pin and bidirectional reset
The RSTOUT pin is driven active (low level) at the beginning of any reset sequence
(synchronous/asynchronous hardware, software and watchdog timer resets). RSTOUT pin
stays active low beyond the end of the initialization routine, until the protected EINIT
instruction (End of Initialization) is completed.
The Bidirectional Reset function is useful when external devices require a reset signal but
cannot be connected to RSTOUT pin, because RSTOUT signal lasts during initialisation. It
is, for instance, the case of external memory running initialization routine before the
execution of EINIT instruction.
Bidirectional reset function is enabled by setting bit 3 (BDRSTEN) in SYSCON register. It
only can be enabled during the initialization routine, before EINIT instruction is completed.
When enabled, the open drain of the RSTIN pin is activated, pulling down the reset signal,
for the duration of the internal reset sequence (synchronous/asynchronous hardware,
software and watchdog timer resets). At the end of the internal reset sequence the pull
down is released and the RSTIN pin is sampled 8 TCL periods later.
●
If signal is sampled low, a hardware reset is triggered again.
●
If it is sampled high, the chip exits reset state according to the running reset way
(synchronous/asynchronous hardware, software and watchdog timer resets ).
Note:
The bidirectional reset function is disabled by any reset sequence (Bit BDRSTEN of
SYSCON is cleared). To be activated again it must be enabled during the initialization
routine.
17.6
Reset circuitry
The internal reset circuitry is described in Figure 68.
An internal pull-up resistor is implemented on RSTIN pin. (50k
Ω minimum, to 250kΩ
maximum). The minimum reset time must be calculated using the lowest value. In addition,
a programmable pull-down (bit BDRSTEN of SYSCON register) drives the RSTIN pin
according to the internal reset state as explained in Section 17.5: RSTOUT pin and
bidirectional reset.
The RSTOUT pin provides a signals to the application as described in Section 17.5:
RSTOUT pin and bidirectional reset.
A weak internal pull-down is connected to the RPD pin to discharge external capacitor to
Vss at a rate of 100
μA to 200μA. This Pull-down is turned on when RSTIN pin is low
If bit PWDCFG of SYSCON register is set, an internal pull-up resistor is activated at the end
of the reset sequence. This pull-up charges the capacitor connected to RPD pin.
If Bidirectional Reset function is not used, the simplest way to reset ST10F280 is to connect
external components as shown in Figure 69. It works with reset from application (hardware
or manual) and with power-on. The value of C1 capacitor, connected on RSTIN pin with
internal pull-up resistor (50k
Ω to 250kΩ), must lead to a charging time long enough to let the
internal or external oscillator and / or the on-chip PLL to stabilize.
The R0-C0 components on RPD pin are mainly implemented to provide a time delay to exit
Power down mode (see Chapter 18: Power reduction modes). Nervertheless, they drive
RPD pin level during resets and they lead to different reset modes as explained hereafter.
On power-on, C0 is totaly discharged, a low level on RPD pin forces an asynchronous



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com