Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 183 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 183 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 179Page - STMicroelectronics ST10F280_12 Datasheet HTML 180Page - STMicroelectronics ST10F280_12 Datasheet HTML 181Page - STMicroelectronics ST10F280_12 Datasheet HTML 182Page - STMicroelectronics ST10F280_12 Datasheet HTML 183Page - STMicroelectronics ST10F280_12 Datasheet HTML 184Page - STMicroelectronics ST10F280_12 Datasheet HTML 185Page - STMicroelectronics ST10F280_12 Datasheet HTML 186Page - STMicroelectronics ST10F280_12 Datasheet HTML 187Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 239 page
background image
ST10F280
Power reduction modes
Doc ID 8673 Rev. 3
183/239
Figure 71.
External RC circuit on RPD pin for exiting power down mode with
external interrupt
To exit Power Down mode with external interrupt, an EXxIN pin has to be asserted for at
least 40 ns (x = 7...0). This signal enables the internal oscillator and PLL circuitry, and also
turns on the weak pull-down (see following figure). The discharging of the external capacitor
provides a delay that allows the oscillator and PLL circuits to stabilize before the internal
CPU and Peripheral clocks are enabled. When the Vpp voltage drops below the threshold
voltage (about 2.5 V), the Schmitt trigger clears Q2 flip-flop, thus enabling the CPU and
Peripheral clocks, and the device resumes code execution.
If the Interrupt was enabled (bit CCxIE=’1’ in the respective CCxIC register) before entering
Power Down mode, the device executes the interrupt service routine, and then resumes
execution after the PWRDN instruction (see note below). If the interrupt was disabled, the
device executes the instruction following PWRDN instruction, and the Interrupt Request
Flag (bit CCxIR in the respective CCxIC register) remains set until it is cleared by software.
Note:
Due to internal pipeline, the instruction that follows the PWRDN instruction is executed
before the CPU performs a call of the interrupt service routine when exiting power-down
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com