Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 182 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 182 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 178Page - STMicroelectronics ST10F280_12 Datasheet HTML 179Page - STMicroelectronics ST10F280_12 Datasheet HTML 180Page - STMicroelectronics ST10F280_12 Datasheet HTML 181Page - STMicroelectronics ST10F280_12 Datasheet HTML 182Page - STMicroelectronics ST10F280_12 Datasheet HTML 183Page - STMicroelectronics ST10F280_12 Datasheet HTML 184Page - STMicroelectronics ST10F280_12 Datasheet HTML 185Page - STMicroelectronics ST10F280_12 Datasheet HTML 186Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 239 page
background image
Power reduction modes
ST10F280
182/239
Doc ID 8673 Rev. 3
In this mode, the Power Down mode can be entered if enabled Fast External Interrupt pins
(EXxIN pins, alternate functions of Port 2 pins, with x = 7...0) are in their inactive level. This
inactive level is configured with the EXIxES bit field in the EXICON register, as follow:
EXICON (F1C0h / E0h)
Address:
0xF1C0H / E0h ESFR
Reset:
0x000h
Type:
R/W
Exiting power down mode
When Power Down mode is entered, the CPU and peripheral clocks are frozen, and the
oscillator and PLL are stopped. Power Down mode can be exited by either asserting RSTIN
or one of the enabled EXxIN pin (Fast External Interrupt).
RSTIN must be held low until the oscillator and PLL have stabilized.
EXxIN inputs are normally sampled interrupt inputs. However, the Power Down mode
circuitry uses them as level-sensitive inputs. An EXxIN (x = 7...0) Interrupt Enable bit (bit
CCxIE in respective CCxIC register) need not to be set to bring the device out of Power
Down mode. An external RC circuit must be connected, as shown in the following figure:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
EXI7ES
EXI6ES
EXI5ES
EXI4ES
EXI3ES
EXI2ES
EXI1ES
EXI0ES
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
EXIxES (x=7...0) External Interrupt x Edge Selection Field (x=7...0)
00: Fast external interrupts disabled: standard mode
EXxIN pin not taken in account for entering/exiting Power Down mode.
Interrupt on positive edge (rising)
01: Enter Power Down mode if EXiIN = ‘0’, exit if EXxIN = ‘1’ (referred as ‘high’
active level)
10: Interrupt on negative edge (falling)
Enter Power Down mode if EXiIN = ‘1’, exit if EXxIN = ‘0’ (referred as ‘low’ active
level)
11: Interrupt on any edge (rising or falling)
Always enter Power Down mode, exit if EXxIN level changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com