Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 192 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 192 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 188Page - STMicroelectronics ST10F280_12 Datasheet HTML 189Page - STMicroelectronics ST10F280_12 Datasheet HTML 190Page - STMicroelectronics ST10F280_12 Datasheet HTML 191Page - STMicroelectronics ST10F280_12 Datasheet HTML 192Page - STMicroelectronics ST10F280_12 Datasheet HTML 193Page - STMicroelectronics ST10F280_12 Datasheet HTML 194Page - STMicroelectronics ST10F280_12 Datasheet HTML 195Page - STMicroelectronics ST10F280_12 Datasheet HTML 196Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 239 page
background image
Special function register overview
ST10F280
192/239
Doc ID 8673 Rev. 3
T6CON
b FF48h
A4h
GPT2 Timer 6 Control Register
0000h
T6IC
b FF68h
B4h
GPT2 Timer 6 Interrupt Control Register
- - 00h
T7
F050h E
28h
CAPCOM Timer 7 Register
0000h
T78CON
b FF20h
90h
CAPCOM Timer 7 and 8 Control Register
0000h
T7IC
b F17Ah E
BEh
CAPCOM Timer 7 Interrupt Control Register
- - 00h
T7REL
F054h E
2Ah
CAPCOM Timer 7 Reload Register
0000h
T8
F052h E
29h
CAPCOM Timer 8 Register
0000h
T8IC
b F17Ch E
BFh
CAPCOM Timer 8 Interrupt Control Register
- - 00h
T8REL
F056h E
2Bh
CAPCOM Timer 8 Reload Register
0000h
TFR
b FFACh
D6h
Trap Flag Register
0000h
WDT
FEAEh
57h
Watchdog Timer Register (read only)
0000h
WDTCON
b FFAEh
D7h
Watchdog Timer Control Register
00xxh(2)
XP0IC
b F186h E
C3h
CAN1 Module Interrupt Control Register
- - 00h(3)
XP1IC
b F18Eh E
C7h
CAN2 Module Interrupt Control Register
- - 00h(3)
XP2IC
b F196h E
CBh
XPWM Interrupt Control Register
- - 00h(3)
XP3IC
b F19Eh E
CFh
PLL unlock Interrupt Control Register
- - 00h(3)
XPERCON
F024h E
12h
XPER Configuration Register
- - 05h
ZEROS
b FF1Ch
8Eh
Constant Value 0’s Register (read only)
0000h
1.
The system configuration is selected during reset.
2.
Bit WDTR indicates a watchdog timer triggered reset.
3.
The XPnIC Interrupt Control Registers control interrupt requests from integrated X-Bus peripherals. Some
software controlled interrupt requests may be generated by setting the XPnIR bits (of XPnIC register) of the
unused X-peripheral nodes.
Table 39.
X registers listed by name
Name
Physical
address
Description
Reset
value
CAN1BTR
EF04h
CAN1 Bit Timing Register
XXXXh
CAN1CSR
EF00h
CAN1 Control/Status Register
XX01h
CAN1GMS
EF06h
CAN1 Global Mask Short
XFXXh
CAN1IR
EF02h
CAN1 Interrupt Register
- - XXh
CAN1LAR1--15
EF14--EFF4h CAN1 Lower Arbitration register 1 to 15
XXXXh
CAN1LGML
EF0Ah
CAN1 Lower Global Mask Long
XXXXh
CAN1LMLM
EF0Eh
CAN1 Lower Mask Last Message
XXXXh
CAN1MCR1--15
EF10--EFF0h CAN1 Message Control Register 1 to 15
XXXXh
CAN1MO1--15
EF1x--EFFxh CAN1 Message Object 1 to 15
XXXXh
Table 38.
Special function registers listed by name (continued)
Name
Physical
address
8-bit
address
Description
Reset
value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com