Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 199 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 199 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 195Page - STMicroelectronics ST10F280_12 Datasheet HTML 196Page - STMicroelectronics ST10F280_12 Datasheet HTML 197Page - STMicroelectronics ST10F280_12 Datasheet HTML 198Page - STMicroelectronics ST10F280_12 Datasheet HTML 199Page - STMicroelectronics ST10F280_12 Datasheet HTML 200Page - STMicroelectronics ST10F280_12 Datasheet HTML 201Page - STMicroelectronics ST10F280_12 Datasheet HTML 202Page - STMicroelectronics ST10F280_12 Datasheet HTML 203Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 239 page
background image
ST10F280
Special function register overview
Doc ID 8673 Rev. 3
199/239
BUSCON3
Address:
0xFF18h / 8Ch SFR
Reset:
0x0000h
Type:
R/W
BUSCON4
Address:
0xFF14h / 8Dh SFR
Reset:
0x0000h
Type:
R/W
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
-
-BTYP
MCTC
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
-
-BTYP
MCTC
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
MCTC
Memory Cycle Time Control (Number of memory cycle time wait states)
0000: 15 wait states (Nber = 15 [MCTC])
. . .
1111: No wait states
RWDCx
Read/Write Delay Control for BUSCONx
0: With read/write delay: activate command 1 TCL after falling edge of ALE
1: No read/write delay: activate command with falling edge of ALE
MTTCx
Memory Tristate Time Control
0: 1 wait state
1: No wait state
BTYP
External Bus Configuration
00: 8-bit Demultiplexed Bus
01: 8-bit Multiplexed Bus
10: 16-bit Demultiplexed Bus
11: 16-bit Multiplexed Bus
Note: For BUSCON0, BTYP bit-field is defined via PORT0 during reset.
ALECTLx
ALE Lengthening Control
0: Normal ALE signal
1: Lengthened ALE signal
BUSACTx
Bus Active Control
0: External bus disabled
1: External bus enabled (within the respective address window, see ADDRSEL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com