Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 214 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 214 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 210Page - STMicroelectronics ST10F280_12 Datasheet HTML 211Page - STMicroelectronics ST10F280_12 Datasheet HTML 212Page - STMicroelectronics ST10F280_12 Datasheet HTML 213Page - STMicroelectronics ST10F280_12 Datasheet HTML 214Page - STMicroelectronics ST10F280_12 Datasheet HTML 215Page - STMicroelectronics ST10F280_12 Datasheet HTML 216Page - STMicroelectronics ST10F280_12 Datasheet HTML 217Page - STMicroelectronics ST10F280_12 Datasheet HTML 218Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 239 page
background image
Electrical characteristics
ST10F280
214/239
Doc ID 8673 Rev. 3
This is especially important for bus cycles using wait states and e.g. for the operation of timers,
serial interfaces, etc. For all slower operations and longer periods (e.g. pulse train generation or
measurement, lower Baud rates, etc.) the deviation caused by the PLL jitter is negligible.
Figure 78.
Approximated maximum PLL Jitter
20.4.8
External clock drive XTAL1
VDD = 5 V ± 10%, VSS = 0 V, TA = -40°C to 125 °C
Table 46.
External clock drive XTAL1
Parameter
Symbol
fCPU = fXTAL
fCPU = fXTAL / 2
fCPU = fXTAL x F
F = 2 / 2.5 / 3 / 4 / 5 /
10
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Oscillator period
tOSC SR
25 (1)
1.
Theoretical minimum. The real minimum value depends on the duty cycle of the input clock signal. 25MHz
is the maximum input frequency when using an external crystal oscillator. However, 40MHz can be applied
with an external clock source.
–
12.5
–
40 x N
100 x N
ns
High time
t1
SR
10 (2)
2.
The input clock signal must reach the defined levels VIL and VIH2
–5 (2)
–10 (2)
–ns
Low time
t2
SR
10 (2)
–5 (2)
–10 (2)
–ns
Rise time
t3
SR
–
3 (2)
–3 (2)
–3 (2)
ns
Fall time
t4
SR
–
3 (2)
–3 (2)
–3 (2)
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com