Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 211 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 211 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 207Page - STMicroelectronics ST10F280_12 Datasheet HTML 208Page - STMicroelectronics ST10F280_12 Datasheet HTML 209Page - STMicroelectronics ST10F280_12 Datasheet HTML 210Page - STMicroelectronics ST10F280_12 Datasheet HTML 211Page - STMicroelectronics ST10F280_12 Datasheet HTML 212Page - STMicroelectronics ST10F280_12 Datasheet HTML 213Page - STMicroelectronics ST10F280_12 Datasheet HTML 214Page - STMicroelectronics ST10F280_12 Datasheet HTML 215Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 239 page
background image
ST10F280
Electrical characteristics
Doc ID 8673 Rev. 3
211/239
The mechanism used to generate the CPU clock is selected during reset by the logic levels
on pins P0.15-13 (P0H.7-5).
Figure 77.
Generation mechanisms for the CPU clock
20.4.3
Clock generation modes
The Table 45 associates the combinations of these three bit with the respective clock
generation mode.
Table 45.
CPU frequency generation
P0H.7 P0H.6
P0H.5
CPU frequency
fCPU = fXTAL x F
External clock input
range(1)
Notes
11
1
f
XTAL x 4
2.5 to 10MHz
Default configuration
11
0
f
XTAL x 3
3.33 to 13.33MHz
10
1
f
XTAL x 2
5 to 20MHz
10
0
f
XTAL x 5
2 to 8MHz
01
1
f
XTAL x 1
1 to 40MHz
Direct drive(2)(3)
01
0
f
XTAL x 10
1 to 4MHz
00
1
f
XTAL x 0.5
2 to 80MHz
CPU clock via
prescaler(4)
00
0
f
XTAL x 2.5
4 to 16MHz
1.
The external clock input range refers to a CPU clock range of 1...40MHz.
2.
The maximum depends on the duty cycle of the external clock signal.
3.
The PLL free-running frequency is from 2 to 10MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com