Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 208 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 208 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 204Page - STMicroelectronics ST10F280_12 Datasheet HTML 205Page - STMicroelectronics ST10F280_12 Datasheet HTML 206Page - STMicroelectronics ST10F280_12 Datasheet HTML 207Page - STMicroelectronics ST10F280_12 Datasheet HTML 208Page - STMicroelectronics ST10F280_12 Datasheet HTML 209Page - STMicroelectronics ST10F280_12 Datasheet HTML 210Page - STMicroelectronics ST10F280_12 Datasheet HTML 211Page - STMicroelectronics ST10F280_12 Datasheet HTML 212Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 239 page
background image
Electrical characteristics
ST10F280
208/239
Doc ID 8673 Rev. 3
20.3.1
A/D converter characteristics
VDD = 5 V ± 10%, VSS = 0 V, TA = -40°C to 125°C, 4.0 V ≤ VAREF ≤ VDD + 0.1 V;
VSS0.1 V ≤ VAGND ≤ VSS + 0.2 V
Table 43.
A/D converter characteristics
Symbol
Parameter
Test
Condition
Min.
Max
Unit
VAREF
SR
Analog Reference voltage
4.0
VDD + 0.1
V
VAIN
SR
Analog input voltage
(1)(2)
1.
VAIN may exceed VAGND or VAREF up to the absolute maximum ratings. However, the conversion result
in these cases will be X000h or X3FFh, respectively.
2.
To remove noise and undesirable high frequency components from the analog input signal, a low-pass
filter must be connected at the ADC input. The cut-off frequency of this filter should avoid 2 opposite
transitions during the ts sampling time of the ST10 ADC:
- fcut-off ≤ 1 / 5 ts to 1/10 ts
where ts is the sampling time of the ST10 ADC and is not related to the Nyquist frequency determined by
the tc conversion time.
VAGND
VAREF
V
IAREF
CC
Reference supply current
running mode
power-down mode
(3)
3.
Partially tested, guaranteed by design characterization.
–
–
500
1
μA
μA
CAIN
CC
ADC input capacitance
Not sampling
Sampling
(3)
–
–
10
15
pF
pF
tS
CC
Sample time
(4)(5)
4.
During the tS sample time the input capacitance Cain can be charged/discharged by the external source.
The internal resistance of the analog source must allow the capacitance to reach its final voltage level
within the tS sample time. After the end of the tS sample time, changes of the analog input voltage have no
effect on the conversion result. Values for the tSC sample clock depend on the programming. Referring to
the tC conversion time formula of section 20.3.2 and to the table 39 of page 156:
- tS min = 2 tSC min = 2 tCC min = 2 x 24 x TCL = 48 TCL
- tS max = 2 tSC max = 2 x 8 tCC max = 2 x 8 x 96 TCL = 1536 TCL
TCL is defined in section 20.4.5 at page 159.
5.
This parameter is fixed by ADC control logic.
48 TCL
1 536 TCL
tC
CC
Conversion time
(6)(5)
6.
The conversion time formula is:
- tC = 14 tCC + tS + 4 TCL (= 14 tCC + 2 tSC + 4 TCL)
The tC parameter includes the tS sample time, the time for determining the digital result and the time to load
the result register with the result of the conversion. Values for the tCC conversion clock depend on the
programming. Referring to the table 39 of page 156:
- tC min = 14 tCC min + tS min + 4 TCL = 14 x 24 x TCL + 48 TCL + 4 TCL = 388 TCL
- tC max = 14 tCC max + tS max + 4 TCL = 14 x 96 TCL + 1536 TCL + 4 TCL = 2884 TCL
388 TCL
2 884 TCL
DNL
CC
Differential Nonlinearity
(7)
-0.5
+0.5
LSB
INL
CC
Integral Nonlinearity
(7)
-1.5
+1.5
LSB
OFS
CC
Offset Error
(7)
-1.0
+1.0
LSB
TUE
CC
Total unadjusted error
(7)
-2.0
+2.0
LSB
RASRC SR
Internal resistance of analog
source
tS in [ns]
(4)(3)
–
(tS / 150) -
0.25
k
Ω
K
CC
Coupling Factor between inputs
(8)(3)
–1/500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com