Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 205 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 205 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 201Page - STMicroelectronics ST10F280_12 Datasheet HTML 202Page - STMicroelectronics ST10F280_12 Datasheet HTML 203Page - STMicroelectronics ST10F280_12 Datasheet HTML 204Page - STMicroelectronics ST10F280_12 Datasheet HTML 205Page - STMicroelectronics ST10F280_12 Datasheet HTML 206Page - STMicroelectronics ST10F280_12 Datasheet HTML 207Page - STMicroelectronics ST10F280_12 Datasheet HTML 208Page - STMicroelectronics ST10F280_12 Datasheet HTML 209Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 239 page
background image
ST10F280
Electrical characteristics
Doc ID 8673 Rev. 3
205/239
20
Electrical characteristics
20.1
Absolute maximum ratings
Stresses the device above the rating listed in the Table 41: Absolute maximum ratings may
cause permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability. During overload conditions (VIN > VDD or
VIN < VSS) the voltage on pins with respect to ground (VSS) must not exceed the values
defined Table 41.
20.2
Parameter interpretation
The parameters listed in the following tables represent the characteristics of the ST10F280
and its demands on the system. Where the ST10F280 logic provides signals with their
respective timing characteristics, the symbol “CC” for Controller Characteristics, is included
in the “Symbol” column.
Where the external system must provide signals with their respective timing characteristics
to the ST10F280, the symbol “SR” for System Requirement, is included in the “Symbol”
column.
20.3
DC characteristics
VDD =5 V ± 10%, VSS =0 V, fCPU = 40 MHz, Reset active, TA = -40°C to 125°C
Table 41.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDD
Voltage on VDD pins with respect to ground
-0.5, +6.5
V
VIO
Voltage on any pin with respect to ground
-0.5, (VDD +0.5)
V
VAREF
Voltage on VAREF pin with respect to ground
-0.3, (VDD +0.3)
V
IOV
Input Current on any pin during overload condition
-10, +10
mA
ITOV
Absolute Sum of all input currents during overload
condition
|100 mA|
mA
Ptot
Power Dissipation
1.5
W
TA
Ambient Temperature under bias
-40, +125
°C
Tstg
Storage Temperature
-65, +150
°C
Table 42.
DC characteristics
Symbol
Parameter
Test
conditions
Min.
Max.
Unit
VIL
SR Input low voltage
–
-0.5
0.2 VDD - 0.1
V
VILS
SR Input low voltage (special threshold)
–
-0.5
2.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com