Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 206 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 206 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 202Page - STMicroelectronics ST10F280_12 Datasheet HTML 203Page - STMicroelectronics ST10F280_12 Datasheet HTML 204Page - STMicroelectronics ST10F280_12 Datasheet HTML 205Page - STMicroelectronics ST10F280_12 Datasheet HTML 206Page - STMicroelectronics ST10F280_12 Datasheet HTML 207Page - STMicroelectronics ST10F280_12 Datasheet HTML 208Page - STMicroelectronics ST10F280_12 Datasheet HTML 209Page - STMicroelectronics ST10F280_12 Datasheet HTML 210Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 239 page
background image
Electrical characteristics
ST10F280
206/239
Doc ID 8673 Rev. 3
VIH
SR
Input high voltage
(all except RSTIN and XTAL1)
–
0.2 VDD +
0.9
VDD + 0.5
V
VIH1
SR Input high voltage RSTIN
–0.6 VDD
VDD + 0.5
V
VIH2
SR Input high voltage XTAL1
–
0.7 VDD
VDD + 0.5
V
VIHS
SR Input high voltage (special threshold)
–
0.8 VDD -
0.2
VDD + 0.5
V
HYS
Input Hysteresis (special threshold)(1)
–400
–
mV
VOL
CC
Output low voltage (PORT0, PORT1, Port 4,
ALE, RD, WR, BHE, CLKOUT, RSTOUT)(2)
IOL = 2.4mA
–
0.45
V
VOL1
CC Output low voltage (all other outputs)(2)
IOL1 = 1.6mA
–
0.45
V
VOH
CC
Output high voltage (PORT0, PORT1, Port4,
ALE, RD, WR, BHE, CLKOUT, RSTOUT)(2)
IOH = -500μA0.9 VDD
–V
IOH = -2.4mA
2.4
–
V
VOH1
CC Output high voltage (all other outputs)(2)(3)
IOH = – 250μA0.9 VDD
–V
IOH = – 1.6mA
2.4
–
V
I
OZ1
CC Input leakage current (Port 5, XPort 10)
0V < VIN < VDD
–0.2
μA
I
OZ2
CC Input leakage current (all other)
0V < VIN < VDD
–1
μA
I
OV
SR Overload current(1) (4)
–5
mA
RRST
CC RSTIN pull-up resistor(1)
–
50
250
k
Ω
IRWH
Read / Write inactive current(5)(6)
VOUT = 2.4V
–
-40
μA
IRWL
Read / Write active current (5)(7)
VOUT = VOLmax
-500
–
μA
IALEL
ALE inactive current(5)(6)
VOUT = VOLmax
40
–
μA
IALEH
ALE active current(5)(7)
VOUT = 2.4V
–
500
μA
IP6H
Port 6 inactive current(5)(6)
VOUT = 2.4V
–
-40
μA
IP6L
Port 6 active current(5)(7)
VOUT =
VOL1max
-500
–
μA
IP0H
PORT0 configuration current(5)
VIN = VIHmin
(6)
–-10
μA
IP0L
VIN = VILmax
(7)
-100
–
μA
I
IL
CC XTAL1 input current
0V < VIN < VDD
–20
μA
CIO
CC Pin capacitance (digital inputs / outputs)(1)(5)
f = 1MHz,
TA =25°C
–10
pF
ICC
Power supply current(8)
RSTIN = VIH1
fCPU in [MHz]
–
30 + 3.3 x
fCPU
mA
IID
Idle mode supply current(9)
RSTIN = VIH1
fCPU in [MHz]
–20 + fCPU
mA
IPD
Power-down mode supply current(10)
VDD = 5.5V
TA = 55°C
–
200
μA
1.
Partially tested, guaranteed by design characterization.
Table 42.
DC characteristics (continued)
Symbol
Parameter
Test
conditions
Min.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com