Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 207 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 207 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 203Page - STMicroelectronics ST10F280_12 Datasheet HTML 204Page - STMicroelectronics ST10F280_12 Datasheet HTML 205Page - STMicroelectronics ST10F280_12 Datasheet HTML 206Page - STMicroelectronics ST10F280_12 Datasheet HTML 207Page - STMicroelectronics ST10F280_12 Datasheet HTML 208Page - STMicroelectronics ST10F280_12 Datasheet HTML 209Page - STMicroelectronics ST10F280_12 Datasheet HTML 210Page - STMicroelectronics ST10F280_12 Datasheet HTML 211Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 239 page
background image
ST10F280
Electrical characteristics
Doc ID 8673 Rev. 3
207/239
Figure 74.
Supply / idle current as a function of operating frequency
2.
ST10F280 pins are equipped with low-noise output drivers which significantly improve the device’s EMI performance.
These low-noise drivers deliver their maximum current only until the respective target output level is reached. After this, the
output current is reduced. This results in increased impedance of the driver, which attenuates electrical noise from the
connected PCB tracks. The current specified in column “Test Conditions” is delivered in any cases.
3.
This specification is not valid for outputs which are switched to open drain mode. In this case the respective output will float
and the voltage results from the external circuitry.
4.
Overload conditions occur if the standard operating conditions are exceeded, i.e. the voltage on any pin exceeds the
specified range (i.e. VOV > VDD+0.5V or VOV <0.5V). The absolute sum of input overload currents on all port pins may not
exceed 50mA. The supply voltage must remain within the specified limits.
5.
This specification is only valid during Reset, or during Hold-mode or Adapt-mode. Port 6 pins are only affected if they are
used for CS output and if their open drain function is not enabled.
6.
The maximum current may be drawn while the respective signal line remains inactive
7.
The minimum current must be drawn in order to drive the respective signal line active.
8.
The power supply current is a function of the operating frequency. This dependency is illustrated in the Figure 70. These
parameters are tested at VDDmax and 40MHz CPU clock with all outputs disconnected and all inputs at VIL or VIH. The
chip is configured with a demultiplexed 16-bit bus, direct clock drive, 5 chip select lines and 2 segment address lines, EA
pin is low during reset. After reset, PORT 0 is driven with the value ‘00CCh’ that produces infinite execution of NOP
instruction with 15 wait-state, R/W delay, memory tristate wait state, normal ALE. Peripherals are not activated
9.
Idle mode supply current is a function of the operating frequency. This dependency is illustrated in the Figure 70. These
parameters are tested at VDDmax and 40MHz CPU clock with all outputs disconnected and all inputs at VIL or VIH.
10. This parameter value includes leakage currents. With all inputs (including pins configured as inputs) at 0 V to 0.1V or at
VDD – 0.1V to VDD, VREF = 0V, all outputs (including pins configured as outputs) disconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com