Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 209 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 209 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 205Page - STMicroelectronics ST10F280_12 Datasheet HTML 206Page - STMicroelectronics ST10F280_12 Datasheet HTML 207Page - STMicroelectronics ST10F280_12 Datasheet HTML 208Page - STMicroelectronics ST10F280_12 Datasheet HTML 209Page - STMicroelectronics ST10F280_12 Datasheet HTML 210Page - STMicroelectronics ST10F280_12 Datasheet HTML 211Page - STMicroelectronics ST10F280_12 Datasheet HTML 212Page - STMicroelectronics ST10F280_12 Datasheet HTML 213Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 239 page
background image
ST10F280
Electrical characteristics
Doc ID 8673 Rev. 3
209/239
20.3.2
Conversion timing control
When a conversion is started, first the capacitances of the converter are loaded via the
respective analog input pin to the current analog input voltage. The time to load the
capacitances is referred to as the sample time ts. Next the sampled voltage is converted to a
digital value in 10 successive steps, which correspond to the 10-bit resolution of the ADC.
The next 4 steps are used for equalizing internal levels (and are keep for exact timing
matching with the 10-bit A/D converter module implemented in ST10F168).
The current that has to be drawn from the sources for sampling and changing charges
depends on the time that each respective step takes, because the capacitors must reach
their final voltage level within the given time, at least with a certain approximation. The
maximum current, however, that a source can deliver, depends on its internal resistance.
The sample time tS (= 2 tSC) and the conversion time tC (= 14 tCC + 2 tSC + 4 TCL) can be
programmed relatively to the ST10F280 CPU clock. This allows adjusting the A/D converter
of the ST10F280 to the properties of the system:
Fast Conversion can be achieved by programming the respective times to their absolute
possible minimum. This is preferable for scanning high frequency signals. The internal
resistance of analog source and analog supply must be sufficiently low, however.
High Internal Resistance can be achieved by programming the respective times to a higher
value, or the possible maximum. This is preferable when using analog sources and supply
with a high internal resistance in order to keep the current as low as possible. However, the
conversion rate in this case may be considerably lower.
The conversion times are programmed via the upper four bit of register ADCON. Bit field
ADCTC (conversion time control) selects the basic conversion clock tCC, used for the 14
steps of converting. The sample time tS is a multiple of this conversion time and is selected
by bit field ADSTC (sample time control). The table below lists the possible combinations.
The timings refer to the unit TCL, where fCPU = 1/2 TCL.
7.
DNL, INL, TUE are tested at VAREF =5.0V, VAGND =0V, VCC = 4.9V. It is guaranteed by design
characterization for all other voltages within the defined voltage range.
‘LSB’ has a value of VAREF / 1024.
The specified TUE is guaranteed only if an overload condition (see IOV specification) occurs on maximum
2 not selected analog input pins and the absolute sum of input overload currents on all analog input pins
does not exceed 10mA.
8.
The coupling factor is measured on a channel while an overload condition occurs on the adjacent not
selected channel with an absolute overload current less than 10mA.
Table 44.
ADC sampling and conversion timing
ADCTC
Conversion clock tCC
ADSTC
Sample clock tSC
TCL = 1/2 x fXTAL
At fCPU = 40MHz
tSC =
At fCPU = 40MHz
and ADCTC = 00
00
TCL x 24
0.3
μs00tCC
0.3
μs
01
Reserved, do not
use
Reserved
01
tCC x 2
0.6
μs
10
TCL x 96
1.2
μs10
tCC x 4
1.2
μs
11
TCL x 48
0.6
μs11
tCC x 8
2.4
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com