Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 213 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 213 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 209Page - STMicroelectronics ST10F280_12 Datasheet HTML 210Page - STMicroelectronics ST10F280_12 Datasheet HTML 211Page - STMicroelectronics ST10F280_12 Datasheet HTML 212Page - STMicroelectronics ST10F280_12 Datasheet HTML 213Page - STMicroelectronics ST10F280_12 Datasheet HTML 214Page - STMicroelectronics ST10F280_12 Datasheet HTML 215Page - STMicroelectronics ST10F280_12 Datasheet HTML 216Page - STMicroelectronics ST10F280_12 Datasheet HTML 217Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 239 page
background image
ST10F280
Electrical characteristics
Doc ID 8673 Rev. 3
213/239
20.4.6
Oscillator Watchdog (OWD)
An on-chip watchdog oscillator is implemented in the ST10F280. This feature is used for
safety operation with external crystal oscillator (using direct drive mode with or without
prescaler). This watchdog oscillator operates as following:
The reset default configuration enables the watchdog oscillator. It can be disabled by setting
the OWDDIS (bit 4) of SYSCON register.
When the OWD is enabled, the PLL runs at its free-running frequency, and it increments the
watchdog counter. The PLL free-running frequency is from 2 to 10MHz. On each transition
of external clock, the watchdog counter is cleared. If an external clock failure occurs, then
the watchdog counter overflows (after 16 PLL clock cycles).
The CPU clock signal will be switched to the PLL free-running clock signal, and the oscillator
watchdog Interrupt Request (XP3INT) is flagged. The CPU clock will not switch back to the
external clock even if a valid external clock exits on XTAL1 pin. Only a hardware reset can
switch the CPU clock source back to direct clock input.
When the OWD is disabled, the CPU clock is always external oscillator clock and the PLL is
switched off to decrease consumption supply current.
20.4.7
Phase locked loop
For all other combinations of pins P0.15-13 (P0H.7-5) during reset the on-chip phase locked
loop is enabled and it provides the CPU clock (see Table 45). The PLL multiplies the input
frequency by the factor F which is selected via the combination of pins P0.15-13 (fCPU =
fXTAL x F). With every F’th transition of fXTAL the PLL circuit synchronizes the CPU clock to
the input clock. This synchronization is done smoothly, so the CPU clock frequency does not
change abruptly.
Due to this adaptation to the input clock the frequency of fCPU is constantly adjusted so it is
locked to fXTAL. The slight variation causes a jitter of fCPU which also effects the duration of
individual TCLs.
The timings listed in the AC Characteristics that refer to TCLs therefore must be calculated
using the minimum TCL that is possible under the respective circumstances.
The real minimum value for TCL depends on the jitter of the PLL. The PLL tunes fCPU to
keep it locked on fXTAL. The relative deviation of TCL is the maximum when it is referred to
one TCL period. It decreases according to the formula and to the Figure 74 given below. For
N periods of TCL the minimum value is computed using the corresponding deviation DN:
where N = number of consecutive TCL periods and 1
≤ N ≤ 40. So for a period of 3 TCL
periods (N = 3):
D3 = 4 - 3/15 = 3.8%
3TCLmin = 3 TCLNOM x (1 - 3.8/100) = 3 TCLNOM x 0.962
3TCLmin = (36.075ns at fCPU = 40MHz)
TCL
MIN
TCL
NOM
1
D
N
100
-------------
–




×
=
D
N
4N 15
) %
[]
⁄
–
(
±
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com