Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 227 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 227 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 223Page - STMicroelectronics ST10F280_12 Datasheet HTML 224Page - STMicroelectronics ST10F280_12 Datasheet HTML 225Page - STMicroelectronics ST10F280_12 Datasheet HTML 226Page - STMicroelectronics ST10F280_12 Datasheet HTML 227Page - STMicroelectronics ST10F280_12 Datasheet HTML 228Page - STMicroelectronics ST10F280_12 Datasheet HTML 229Page - STMicroelectronics ST10F280_12 Datasheet HTML 230Page - STMicroelectronics ST10F280_12 Datasheet HTML 231Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 239 page
background image
ST10F280
Electrical characteristics
Doc ID 8673 Rev. 3
227/239
Figure 87.
External memory cycle: demultiplexed bus, no read / write delay,
extended ALE, read /write chip select
20.4.12
CLKOUT and READY
VDD = 5 V ± 10%, VSS = 0 V, TA = -40°C to 125°C, CL = 50 pF
Address
t
5
t
16
t
46
t
57
t
6
t
53
t
26
t
17
t
47
t
48
t
49
t
48
t
49
t
50
Data In
t
51
t
68
t
55
Data Out
t
82
t
83
t
82
t
83
Read Cycle
Write Cycle
CLKOUT
ALE
RdCSx
WrCSx
Data Bus (P0)
(D15-D8) D7-D0
Data Bus (P0)
(D15-D8) D7-D0
A23-A16
A15-A0 (P1)
BHE
GAPGCFT00941
Table 50.
CLKOUT and READY characteristics
Symbol
Parameter
Maximum CPU Clock
= 40MHz
Variable CPU Clock
1/2 TCL = 1 to 40MHz
Min.
Max.
Min.
Max.
t29
CC CLKOUT cycle time
25
25
2 TCL
2TCL
ns
t30
CC CLKOUT high time
4
–
TCL – 8.5
–
ns
t31
CC CLKOUT low time
3
–
TCL – 9.5
–
ns
t32
CC CLKOUT rise time
–
4
–
4
ns
t33
CC CLKOUT fall time
–
4
–
4
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com