Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 231 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 231 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 227Page - STMicroelectronics ST10F280_12 Datasheet HTML 228Page - STMicroelectronics ST10F280_12 Datasheet HTML 229Page - STMicroelectronics ST10F280_12 Datasheet HTML 230Page - STMicroelectronics ST10F280_12 Datasheet HTML 231Page - STMicroelectronics ST10F280_12 Datasheet HTML 232Page - STMicroelectronics ST10F280_12 Datasheet HTML 233Page - STMicroelectronics ST10F280_12 Datasheet HTML 234Page - STMicroelectronics ST10F280_12 Datasheet HTML 235Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 239 page
background image
ST10F280
Electrical characteristics
Doc ID 8673 Rev. 3
231/239
Figure 90.
External bus arbitration, (regaining the bus)
1.
1. This is the last chance for BREQ to trigger the indicated regain-sequence. Even if BREQ is activated
earlier, the regain-sequence is initiated by HOLD going high. Please note that HOLD may also be
deactivated without the ST10F280 requesting the bus
2.
The next ST10F280 driven bus cycle may start here.
20.4.14
High-speed synchronous serial interface (SSC) timing
Master mode
VCC = 5 V ±10%, VSS = 0 V, CPU clock = 40 MHz, TA = -40°C to 125°C, CL = 50 pF
CLKOUT
HOLD
HLDA
Other
Signals
t
62
CSx
(On P6.x)
t
67
t
62
1)
2)
t
65
t
61
BREQ
t
63
t
62
GAPGCFT00944
Table 52.
SSC master timing
Symbol
Parameter
Maximum Baud rate =
10M Baud (<SSCBR> =
0001h)
Variable Baud rate
(<SSCBR>=0001h-
FFFFh)
Min.
Max.
Min.
Max.
t300
CC SSC clock cycle time
100
100
8 TCL
262144
TCL
ns
t301
CC SSC clock high time
40
–
t300/2 - 10
–
ns
t302
CC SSC clock low time
40
–
t300/2 - 10
–
ns
t303
CC SSC clock rise time
–
10
–
10
ns
t304
CC SSC clock fall time
–
10
–
10
ns
t305
CC
Write data valid after shift
edge
–
15
–
15
ns
t306
CC
Write data hold after shift
edge(1)
-2
–
-2
–
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com